Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 132Page - STMicroelectronics STM32F412XE Datasheet HTML 133Page - STMicroelectronics STM32F412XE Datasheet HTML 134Page - STMicroelectronics STM32F412XE Datasheet HTML 135Page - STMicroelectronics STM32F412XE Datasheet HTML 136Page - STMicroelectronics STM32F412XE Datasheet HTML 137Page - STMicroelectronics STM32F412XE Datasheet HTML 138Page - STMicroelectronics STM32F412XE Datasheet HTML 139Page - STMicroelectronics STM32F412XE Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 193 page
background image
Electrical characteristics
STM32F412xE/G
136/193
DocID028087 Rev 4
6.3.20
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 71 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 15.
Table 71. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
VDDA −VREF+ < 1.2 V
1.7(1)
-3.6
V
VREF+
Positive reference voltage
1.7(1)
-VDDA
V
fADC
ADC clock frequency
VDDA = 1.7(1) to 2.4 V
0.6
15
18
MHz
VDDA = 2.4 to 3.6 V
0.6
30
36
MHz
fTRIG(2) External trigger frequency
fADC = 30 MHz,
12-bit resolution
-
-
1764
kHz
--
-
17
1/fADC
VAIN
Conversion voltage range(3)
-
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RAIN(2)
External input impedance
See Equation 1 for
details
--
50
k
Ω
RADC(2)(4) Sampling switch resistance
-
-
-
6
k
Ω
CADC(2)
Internal sample and hold
capacitor
--
4
7
pF
tlat(2)
Injection trigger conversion
latency
fADC = 30 MHz
-
-
0.100
µs
--
-
3(5)
1/fADC
tlatr(2)
Regular trigger conversion
latency
fADC = 30 MHz
-
-
0.067
µs
--
-
2(5)
1/fADC
tS(2)
Sampling time
fADC = 30 MHz
0.100
-
16
µs
-
3
-
480
1/fADC
tSTAB(2) Power-up time
-
-
2
3
µs
tCONV(2)
Total conversion time (including
sampling time)
fADC = 30 MHz
12-bit resolution
0.50
-
16.40
µs
fADC = 30 MHz
10-bit resolution
0.43
-
16.34
µs
fADC = 30 MHz
8-bit resolution
0.37
-
16.27
µs
fADC = 30 MHz
6-bit resolution
0.30
-
16.20
µs
9 to 492 (tS for sampling +n-bit resolution for successive
approximation)
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com