Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 134Page - STMicroelectronics STM32F412XE Datasheet HTML 135Page - STMicroelectronics STM32F412XE Datasheet HTML 136Page - STMicroelectronics STM32F412XE Datasheet HTML 137Page - STMicroelectronics STM32F412XE Datasheet HTML 138Page - STMicroelectronics STM32F412XE Datasheet HTML 139Page - STMicroelectronics STM32F412XE Datasheet HTML 140Page - STMicroelectronics STM32F412XE Datasheet HTML 141Page - STMicroelectronics STM32F412XE Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 193 page
background image
Electrical characteristics
STM32F412xE/G
138/193
DocID028087 Rev 4
Table 73. ADC accuracy at fADC = 30 MHz(1)
1. Better performance could be achieved in restricted VDD, frequency and temperature ranges.
Symbol
Parameter
Test conditions
Typ
Max(2)
2. Guaranteed by characterization, not tested in production.
Unit
ET
Total unadjusted error
fADC = 30 MHz,
RAIN < 10 kΩ,
VDDA = 2.4 to 3.6 V,
VREF = 1.7 to 3.6 V,
VDDA −VREF < 1.2 V
±2
±5
LSB
EO
Offset error
±1.5
±2.5
EG
Gain error
±1.5
±4
ED
Differential linearity error
±1
±2
EL
Integral linearity error
±1.5
±3
Table 74. ADC accuracy at fADC = 36 MHz(1)
1. Better performance could be achieved in restricted VDD, frequency and temperature ranges.
Symbol
Parameter
Test conditions
Typ
Max(2)
2. Guaranteed by characterization, not tested in production.
Unit
ET
Total unadjusted error
fADC =36 MHz,
VDDA = 2.4 to 3.6 V,
VREF = 1.7 to 3.6 V
VDDA −VREF < 1.2 V
±4
±7
LSB
EO
Offset error
±2
±3
EG
Gain error
±3
±6
ED
Differential linearity error
±2
±3
EL
Integral linearity error
±3
±6
Table 75. ADC dynamic accuracy at fADC = 18 MHz - limited test conditions(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ENOB
Effective number of bits
fADC =18 MHz
VDDA = VREF+= 1.7 V
Input Frequency = 20 kHz
Temperature = 25 °C
10.3
10.4
-
bits
SINAD
Signal-to-noise and distortion ratio
64
64.2
-
dB
SNR
Signal-to-noise ratio
64
65
-
THD
Total harmonic distortion
-
-72
-67
1. Guaranteed by characterization, not tested in production.
Table 76. ADC dynamic accuracy at fADC = 36 MHz - limited test conditions(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ENOB
Effective number of bits
fADC = 36 MHz
VDDA = VREF+ = 3.3 V
Input Frequency = 20 kHz
Temperature = 25 °C
10.6
10.8
-
bits
SINAD
Signal-to noise and distortion ratio
66
67
-
dB
SNR
Signal-to noise ratio
64
68
-
THD
Total harmonic distortion
-
-72
-70
1. Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com