Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RC Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F401RC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F401RC Datasheet HTML 55Page - STMicroelectronics STM32F401RC Datasheet HTML 56Page - STMicroelectronics STM32F401RC Datasheet HTML 57Page - STMicroelectronics STM32F401RC Datasheet HTML 58Page - STMicroelectronics STM32F401RC Datasheet HTML 59Page - STMicroelectronics STM32F401RC Datasheet HTML 60Page - STMicroelectronics STM32F401RC Datasheet HTML 61Page - STMicroelectronics STM32F401RC Datasheet HTML 62Page - STMicroelectronics STM32F401RC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 135 page
background image
Electrical characteristics
STM32F401xB STM32F401xC
59/135
DocID024738 Rev 6
6.3
Operating conditions
6.3.1
General operating conditions
Table 14. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHCLK
Internal AHB clock frequency
Power Scale3: Regulator ON,
VOS[1:0] bits in PWR_CR register = 0x01
0-
60
MHz
Power Scale2: Regulator ON,
VOS[1:0] bits in PWR_CR register = 0x10
0
-
84
fPCLK1 Internal APB1 clock frequency
0
-
42
fPCLK2 Internal APB2 clock frequency
0
-
84
VDD
Standard operating voltage
1.7(1)
-3.6
V
VDDA
(2)(3)
Analog operating voltage
(ADC limited to 1.2 M samples)
Must be the same potential as VDD(4)
1.7(1)
-2.4
Analog operating voltage
(ADC limited to 2.4 M samples)
2.4
-
3.6
VBAT
Backup operating voltage
1.65
-
3.6
V12
Regulator ON: 1.2 V internal
voltage on VCAP_1/VCAP_2 pins
VOS[1:0] bits in PWR_CR register = 0x01
Max frequency 60 MHz
1.08(5) 1.14 1.20(5)
VOS[1:0] bits in PWR_CR register = 0x10
Max frequency 84 MHz
1.20(5) 1.26 1.32(5)
V12
Regulator OFF: 1.2 V external
voltage must be supplied on
VCAP_1/VCAP_2 pins
Max. frequency 60 MHz.
1.1
1.14
1.2
Max. frequency 84 MHz.
1.2
1.26
1.32
VIN
Input voltage on RST and FT
pins(6)
2V
≤ VDD ≤ 3.6 V
–0.3
-
5.5
VDD ≤ 2V
–0.3
-
5.2
Input voltage on BOOT0 pin
0
-
9
PD
Maximum allowed package
power dissipation for suffix 6
and 7(7)
UFQFPN48
-
-
625
mW
WLCSP49
-
-
385
LQFP64
-
-
313
LQFP100
-
-
465
UFBGA100
-
-
323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com