Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F401RC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F401RC Datasheet HTML 6Page - STMicroelectronics STM32F401RC Datasheet HTML 7Page - STMicroelectronics STM32F401RC Datasheet HTML 8Page - STMicroelectronics STM32F401RC Datasheet HTML 9Page - STMicroelectronics STM32F401RC Datasheet HTML 10Page - STMicroelectronics STM32F401RC Datasheet HTML 11Page - STMicroelectronics STM32F401RC Datasheet HTML 12Page - STMicroelectronics STM32F401RC Datasheet HTML 13Page - STMicroelectronics STM32F401RC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
DocID024738 Rev 6
10/135
STM32F401xB STM32F401xC
Description
53
2
Description
The STM32F401XB/STM32F401XC devices are based on the high-performance
ARM® Cortex® -M4 32-bit RISC core operating at a frequency of up to 84 MHz. The
Cortex®-M4 core features a Floating point unit (FPU) single precision which supports all
ARM single-precision data-processing instructions and data types. It also implements a full
set of DSP instructions and a memory protection unit (MPU) which enhances application
security.
The STM32F401xB/STM32F401xC incorporate high-speed embedded memories (up to
256 Kbytes of Flash memory, up to 64 Kbytes of SRAM), and an extensive range of
enhanced I/Os and peripherals connected to two APB buses, two AHB buses and a 32-bit
multi-AHB bus matrix.
All devices offer one 12-bit ADC, a low-power RTC, six general-purpose 16-bit timers
including one PWM timer for motor control, two general-purpose 32-bit timers. They also
feature standard and advanced communication interfaces.
•
Up to three I2Cs
•
Up to four SPIs
•
Two full duplex I2Ss. To achieve audio class accuracy, the I2S peripherals can be
clocked via a dedicated internal audio PLL or via an external clock to allow
synchronization.
•
Three USARTs
•
SDIO interface
•
USB 2.0 OTG full speed interface
Refer to Table 2: STM32F401xB/C features and peripheral counts for the peripherals
available for each part number.
The STM32F401xB/STM32F401xC operate in the –40 to +105 °C temperature range from a
1.7 (PDR OFF) to 3.6 V power supply. A comprehensive set of power-saving mode allows
the design of low-power applications.
These features make the STM32F401xB/STM32F401xC microcontrollers suitable for a
wide range of applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
•
Mobile phone sensor hub
Figure 3 shows the general block diagram of the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com