Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RC Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F401RC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F401RC Datasheet HTML 64Page - STMicroelectronics STM32F401RC Datasheet HTML 65Page - STMicroelectronics STM32F401RC Datasheet HTML 66Page - STMicroelectronics STM32F401RC Datasheet HTML 67Page - STMicroelectronics STM32F401RC Datasheet HTML 68Page - STMicroelectronics STM32F401RC Datasheet HTML 69Page - STMicroelectronics STM32F401RC Datasheet HTML 70Page - STMicroelectronics STM32F401RC Datasheet HTML 71Page - STMicroelectronics STM32F401RC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 135 page
background image
DocID024738 Rev 6
68/135
STM32F401xB STM32F401xC
Electrical characteristics
113
Table 27. Typical and maximum current consumptions in Stop mode - VDD=1.8 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP
Main regulator usage
Flash in Stop mode, all
oscillators OFF, no
independent watchdog
109
135
440
650
µA
Low power regulator usage
41
65
310
530(2)
Main regulator usage
Flash in Deep power
down mode, all oscillators
OFF, no independent
watchdog
72
95
345
530
Low power regulator usage
12
36
260
510(2)
Low power low voltage regulator usage
10
27
230
460
1. Guaranteed by characterization.
2. Guaranteed by test in production.
Table 28. Typical and maximum current consumption in Stop mode - VDD=3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP
Main regulator usage
Flash in Stop mode, all
oscillators OFF, no
independent watchdog
111
140
450
670
µA
Low power regulator usage
42
65
330
560
Main regulator usage
Flash in Deep power
down mode, all oscillators
OFF, no independent
watchdog
73
100
360
560
Low power regulator usage
12
36
270
520
Low power low voltage regulator usage
10
28
230
470
1. Guaranteed by characterization.
Table 29. Typical and maximum current consumption in Standby mode - VDD=1.8 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STBY
Supply current in
Standby mode
Low-speed oscillator (LSE) and RTC ON
2.4
4.0
12.0
24.0
µA
RTC and LSE OFF
1.8
3.0(3)
11.0
23.0(3)
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Guaranteed by characterization, unless otherwise specified.
3. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com