Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RC Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F401RC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F401RC Datasheet HTML 65Page - STMicroelectronics STM32F401RC Datasheet HTML 66Page - STMicroelectronics STM32F401RC Datasheet HTML 67Page - STMicroelectronics STM32F401RC Datasheet HTML 68Page - STMicroelectronics STM32F401RC Datasheet HTML 69Page - STMicroelectronics STM32F401RC Datasheet HTML 70Page - STMicroelectronics STM32F401RC Datasheet HTML 71Page - STMicroelectronics STM32F401RC Datasheet HTML 72Page - STMicroelectronics STM32F401RC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 135 page
background image
Electrical characteristics
STM32F401xB STM32F401xC
69/135
DocID024738 Rev 6
Figure 21. Typical VBAT current consumption (LSE and RTC ON)
Table 30. Typical and maximum current consumption in Standby mode - VDD=3.3 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STBY
Supply current in
Standby mode
Low-speed oscillator (LSE) and RTC ON
2.8
5.0
14.0
28.0
µA
RTC and LSE OFF
2.1
4.0(3)
13.0
27.0(3)
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Guaranteed by characterization, unless otherwise specified.
3. Guaranteed by test in production.
Table 31. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA = 25 °C
TA =
85 °C
TA =
105 °C
VBAT =
1.7 V
VBAT=
2.4 V
VBAT =
3.3 V
VBAT = 3.6 V
IDD_VBAT
Backup
domain supply
current
Low-speed oscillator (LSE) and RTC ON
0.66
0.76
0.97
3.0
5.0
µA
RTC and LSE OFF
0.1
0.1
0.1
2.0
4.0
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com