Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RC Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F401RC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RC Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F401RC Datasheet HTML 99Page - STMicroelectronics STM32F401RC Datasheet HTML 100Page - STMicroelectronics STM32F401RC Datasheet HTML 101Page - STMicroelectronics STM32F401RC Datasheet HTML 102Page - STMicroelectronics STM32F401RC Datasheet HTML 103Page - STMicroelectronics STM32F401RC Datasheet HTML 104Page - STMicroelectronics STM32F401RC Datasheet HTML 105Page - STMicroelectronics STM32F401RC Datasheet HTML 106Page - STMicroelectronics STM32F401RC Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 135 page
background image
Electrical characteristics
STM32F401xB STM32F401xC
103/135
DocID024738 Rev 6
USB OTG full speed (FS) characteristics
This interface is present in USB OTG FS controller.
Note:
When VBUS sensing feature is enabled, PA9 should be left at their default state (floating
input), not as alternate function. A typical 200 µA current consumption of the embedded
sensing block (current to voltage conversion to determine the different sessions) can be
observed on PA9 when the feature is enabled.
Table 63. USB OTG FS startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design.
USB OTG FS transceiver startup time
1
µs
Table 64. USB OTG FS DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1. All the voltages are measured from the local ground potential.
Typ. Max.(1) Unit
Input
levels
VDD
USB OTG FS operating
voltage
3.0(2)
2. The USB OTG FS functionality is ensured down to 2.7 V but not the full USB full speed electrical
characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
VDI(3)
3. Guaranteed by design.
Differential input sensitivity
I(USB_FS_DP/DM)
0.2
-
-
V
VCM(3)
Differential common mode
range
Includes VDI range
0.8
-
2.5
VSE(3)
Single ended receiver
threshold
1.3
-
2.0
Output
levels
VOL Static output level low
RL of 1.5 kΩ to 3.6 V(4)
4. RL is the load connected on the USB OTG FS drivers.
--
0.3
V
VOH Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6
RPD
PA11, PA12
(USB_FS_DM/DP)
VIN = VDD
17
21
24
k
Ω
PA9 (OTG_FS_VBUS)
0.65
1.1
2.0
RPU
PA11, PA12
(USB_FS_DM/DP)
VIN = VSS
1.5
1.8
2.1
PA9 (OTG_FS_VBUS)
VIN = VSS
0.25
0.37
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com