Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RC Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32F401RC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RC Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32F401RC Datasheet HTML 127Page - STMicroelectronics STM32F401RC Datasheet HTML 128Page - STMicroelectronics STM32F401RC Datasheet HTML 129Page - STMicroelectronics STM32F401RC Datasheet HTML 130Page - STMicroelectronics STM32F401RC Datasheet HTML 131Page - STMicroelectronics STM32F401RC Datasheet HTML 132Page - STMicroelectronics STM32F401RC Datasheet HTML 133Page - STMicroelectronics STM32F401RC Datasheet HTML 134Page - STMicroelectronics STM32F401RC Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 135 page
background image
Revision history
STM32F401xB STM32F401xC
131/135
DocID024738 Rev 6
9
Revision history
Table 88. Document revision history
Date
Revision
Changes
23-Jul-2013
1
Initial release.
06-Sep-2013
2
Updated product status to production data
Added I2C 1 MBit/s in Features
Updated Figure 1: Compatible board design for LQFP100 package
Added notes and revised the main function after reset columnn
Table 8: STM32F401xB/STM32F401xC pin definitions.
Replaced ‘I2S2_CKIN’ signal name with ‘I2S_CKIN’ and added
EVENTOUT alternate function in Table 8:
STM32F401xB/STM32F401xC pin definitions and Table 9: Alternate
function mapping
Updated Section 3.28: Analog-to-digital converter (ADC)
Updated the reference of VESD(CDM) in Table 51: ESD absolute
maximum ratings
Updated Section 3.20: Inter-integrated circuit interface (I2C), including
Table 5: Comparison of I2C analog and digital filters
Removed first sentence (“Unless otherwise specified...”) in I2C
interface characteristics
Changed the order of the tables in Section 6.3.6: Supply current
characteristics
Modified the “SDA and SCL rise time” fast mode I2C minimum value in
Table 59: I2C characteristics
Updated Figure 33: I2C bus AC waveforms and measurement circuit
and Table 60: SCL frequency (fPCLK1= 42 MHz, VDD = VDD_I2C = 3.3 V)
Replaced “Marking of engineering samples” sections with “Marking of
samples” sections, and added UFBGA100 device marking section for
package UFGBA100 in Section 7: Package information
08-Nov-2013
3
Updated UFBGA100 in Table 86: Package thermal characteristics.
Changed WLCSP49 package measurements to 3 x 3 mm in
Section 7.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com