Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 79Page - STMicroelectronics STM32F446XC Datasheet HTML 80Page - STMicroelectronics STM32F446XC Datasheet HTML 81Page - STMicroelectronics STM32F446XC Datasheet HTML 82Page - STMicroelectronics STM32F446XC Datasheet HTML 83Page - STMicroelectronics STM32F446XC Datasheet HTML 84Page - STMicroelectronics STM32F446XC Datasheet HTML 85Page - STMicroelectronics STM32F446XC Datasheet HTML 86Page - STMicroelectronics STM32F446XC Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 202 page
background image
DocID027107 Rev 6
83/202
STM32F446xC/E
Electrical characteristics
175
Table 23. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator enabled except prefetch) or RAM(1)
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max(2)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
RUN mode
External clock,
PLL ON,
all peripherals
enabled(3)(4)
180
72
83.0(5)
100.0
110.0(5)
mA
168
65
71.0
95.3
101.0
150
59
63.6
85.4
100.8
144(6)
54
58.4
78.8
91.2
120
40
44.9
62.1
73.2
90
30
35.3
50.7
60.0
60
21
25.5
39.2
46.8
30
12
16.2
28.1
36.0
25
10
14.41
26.17
32.4
HSI, PLL OFF,
all peripherals
enabled
16
6
11.4
23.1
25.2
8
3
9.5
20.3
22.5
4
2.3
8.3
18.9
21.1
2
1.8
7.7
18.1
20.5
External clock,
PLL ON,
all Peripherals
disabled(3)
180
32
42.0(5)
59.0
75.0(5)
168
29
35.5
51.4
55.7
150
26
31.5
47.8
51.9
144(6)
24
29.2
44.7
48.6
120
18
23.3
36.8
40.4
90
14
19.0
31.8
35.1
60
10
14.7
26.9
29.9
30
6
10.7
22.1
24.9
25
5
9.96
21.24
24.02
HSI, PLL OFF,
all peripherals
disabled(3)
16
3
8.7
18.9
21.9
8
2
8.1
17.8
20.9
4
1.7
7.64
17.23
20.32
2
1.4
7.4
16.94
20.03
1. Code and data processing running from SRAM1 using boot pins.
2. Guaranteed based on test during characterization.
3. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
4. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC
for the analog part.
5. Tested in production.
6. Overdrive OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com