Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 92Page - STMicroelectronics STM32F446XC Datasheet HTML 93Page - STMicroelectronics STM32F446XC Datasheet HTML 94Page - STMicroelectronics STM32F446XC Datasheet HTML 95Page - STMicroelectronics STM32F446XC Datasheet HTML 96Page - STMicroelectronics STM32F446XC Datasheet HTML 97Page - STMicroelectronics STM32F446XC Datasheet HTML 98Page - STMicroelectronics STM32F446XC Datasheet HTML 99Page - STMicroelectronics STM32F446XC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 202 page
background image
Electrical characteristics
STM32F446xC/E
96/202
DocID027107 Rev 6
I/O system current consumption
The current consumption of the I/O system has two components: static and
dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up generate current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 56: I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to
estimate the current consumption.
Additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
trigger circuits used to discriminate the input value. Unless this specific configuration is
required by the application, this supply current consumption can be avoided by configuring
these I/Os in analog mode. This is notably the case of ADC input pins which should be
configured as analog inputs.
Table 33. Typical current consumption in Sleep mode, regulator OFF(1)
Symbol
Parameter
Conditions
fHCLK (MHz)
VDD=3.3 V
VDD=1.7 V
Unit
IDD12
IDD
IDD12
IDD
-
IDD12/IDD
Supply current
in Sleep mode
from V12 and
VDD supply
All Peripherals
enabled
180
47.605
1.2
NA
NA
mA
168
44.35
1.0
41.53
0.8
150
40.58
0.9
39.96
0.8
144
35.68
0.9
34.60
0.7
120
27.30
0.9
29.11
0.7
90
20.69
0.8
19.78
0.6
60
13.88
0.7
13.36
0.6
30
7.66
0.7
7.85
0.6
25
6.49
0.7
6.66
0.5
All Peripherals
disabled
180
8.71
1.2
NA
NA
168
7.00
0.9
8.42
0.8
150
6.88
0.9
7.61
0.8
144
6.29
0.9
6.99
0.7
120
4.87
0.9
5.95
0.7
90
3.78
0.8
3.96
0.6
60
2.66
0.7
2.80
0.6
30
1.65
0.7
1.74
0.6
25
1.45
0.7
1.52
0.5
1. When peripherals are enabled, the power consumption corresponding to the analog part of the peripherals (such as ADC,
or DAC) is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com