Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 32Page - STMicroelectronics STM32F446XC Datasheet HTML 33Page - STMicroelectronics STM32F446XC Datasheet HTML 34Page - STMicroelectronics STM32F446XC Datasheet HTML 35Page - STMicroelectronics STM32F446XC Datasheet HTML 36Page - STMicroelectronics STM32F446XC Datasheet HTML 37Page - STMicroelectronics STM32F446XC Datasheet HTML 38Page - STMicroelectronics STM32F446XC Datasheet HTML 39Page - STMicroelectronics STM32F446XC Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 202 page
background image
Functional overview
STM32F446xC/E
36/202
DocID027107 Rev 6
The SPDIF-RX also offers a signal named spdifrx_frame_sync, which toggles at the S/PDIF
sub-frame rate that will be used to compute the exact sample rate for clock drift algorithms.
3.28
Serial Audio interface (SAI)
The devices feature two serial audio interfaces (SAI1 and SAI2). Each serial audio
interfaces based on two independent audio sub blocks which can operate as transmitter or
receiver with their FIFO. Many audio protocols are supported by each block: I2S standards,
LSB or MSB-justified, PCM/DSP, TDM, AC’97 and SPDIF output, supporting audio sampling
frequencies from 8 kHz up to 192 kHz. Both sub blocks can be configured in master or in
slave mode. The SAIs use a PLL to achieve audio class accuracy.
In master mode, the master clock can be output to the external DAC/CODEC at 256 times of
the sampling frequency.
The two sub blocks can be configured in synchronous mode when full-duplex mode is
required.
SAI1 and SA2 can be served by the DMA controller.
3.29
Audio PLL (PLLI2S)
The devices feature an additional dedicated PLL for audio I2S and SAI applications. It allows
to achieve error-free I2S sampling clock accuracy without compromising on the CPU
performance, while using USB peripherals.
The PLLI2S configuration can be modified to manage an I2S/SAI sample rate change
without disabling the main PLL (PLL) used for CPU, USB and Ethernet interfaces.
The audio PLL can be programmed with very low error to obtain sampling rates ranging
from 8 KHz to 192 KHz.
In addition to the audio PLL, a master clock input pin can be used to synchronize the
I2S/SAI flow with an external PLL (or Codec output).
3.30
Serial Audio Interface PLL(PLLSAI)
An additional PLL dedicated to audio and USB is used for SAI1 and SAI2 peripheral in case
the PLLI2S is programmed to achieve another audio sampling frequency (49.152 MHz or
11.2896 MHz) and the audio application requires both sampling frequencies simultaneously.
The PLLSAI is also used to generate the 48MHz clock for USB FS and SDIO in case the
system PLL is programmed with factors not multiple of 48MHz.
3.31
Secure digital input/output interface (SDIO)
An SD/SDIO/MMC host interface is available, that supports MultiMediaCard System
Specification Version 4.2 in three different databus modes: 1-bit (default), 4-bit and 8-bit.
The interface allows data transfer at up to 48 MHz, and is compliant with the SD Memory
Card Specification Version 2.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com