Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 5 Page - STMicroelectronics

  STM32F446XC Datasheet HTML 1Page - STMicroelectronics STM32F446XC Datasheet HTML 2Page - STMicroelectronics STM32F446XC Datasheet HTML 3Page - STMicroelectronics STM32F446XC Datasheet HTML 4Page - STMicroelectronics STM32F446XC Datasheet HTML 5Page - STMicroelectronics STM32F446XC Datasheet HTML 6Page - STMicroelectronics STM32F446XC Datasheet HTML 7Page - STMicroelectronics STM32F446XC Datasheet HTML 8Page - STMicroelectronics STM32F446XC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 202 page
background image
DocID027107 Rev 6
5/202
STM32F446xC/E
Contents
5
7
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
7.1
LQFP64 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
7.2
LQFP100 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
7.3
LQFP144 package information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
7.4
UFBGA144 7 x 7 mm package information . . . . . . . . . . . . . . . . . . . . . . 186
7.5
UFBGA144 10 x 10 mm package information . . . . . . . . . . . . . . . . . . . . 189
7.6
WLCSP81 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 192
7.7
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 195
8
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
Appendix A Application block diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
A.1
USB OTG full speed (FS) interface solutions . . . . . . . . . . . . . . . . . . . . . 197
A.2
USB OTG high speed (HS) interface solutions . . . . . . . . . . . . . . . . . . . . 199
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com