Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 98Page - STMicroelectronics STM32F446XC Datasheet HTML 99Page - STMicroelectronics STM32F446XC Datasheet HTML 100Page - STMicroelectronics STM32F446XC Datasheet HTML 101Page - STMicroelectronics STM32F446XC Datasheet HTML 102Page - STMicroelectronics STM32F446XC Datasheet HTML 103Page - STMicroelectronics STM32F446XC Datasheet HTML 104Page - STMicroelectronics STM32F446XC Datasheet HTML 105Page - STMicroelectronics STM32F446XC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 202 page
background image
Electrical characteristics
STM32F446xC/E
102/202
DocID027107 Rev 6
6.3.9
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard I/O. The
external clock signal has to respect the Table 56: I/O static characteristics. However, the
recommended clock input waveform is shown in Figure 23.
The characteristics given in Table 37 result from tests performed using an high-speed
external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 16.
Table 36. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ(1)
Max(1)
Unit
tWUSLEEP(2)
Wakeup from Sleep
-
6
6
CPU
clock
cycle
TWUSLEEPFDSM(1)
Wakeup from Sleep
with Flash memory in
Deep power down
mode
-
33.5
50
µs
tWUSTOP(2)
Wakeup from Stop
mode with MR/LP
regulator in normal
mode
Main regulator is ON
12.8
15
Main regulator is ON and Flash
memory in Deep power down mode
104.9
115
Low power regulator is ON
20.6
28
Low power regulator is ON and
Flash memory in Deep power down
mode
112.8
120
tWUSTOP(2)
Wakeup from Stop
mode with MR/LP
regulator in Under-drive
mode
Main regulator in under-drive mode
(Flash memory in Deep power-
down mode)
110
140
Low power regulator in under-drive
mode
(Flash memory in Deep power-
down mode)
114.4
128
tWUSTDBY(2)(3)
Wakeup from Standby
mode
-
325
400
1. Guaranteed based on test during characterization.
2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first
instruction.
3. tWUSTDBY maximum value is given at –40 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com