Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 160Page - STMicroelectronics STM32F446XC Datasheet HTML 161Page - STMicroelectronics STM32F446XC Datasheet HTML 162Page - STMicroelectronics STM32F446XC Datasheet HTML 163Page - STMicroelectronics STM32F446XC Datasheet HTML 164Page - STMicroelectronics STM32F446XC Datasheet HTML 165Page - STMicroelectronics STM32F446XC Datasheet HTML 166Page - STMicroelectronics STM32F446XC Datasheet HTML 167Page - STMicroelectronics STM32F446XC Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 202 page
background image
Electrical characteristics
STM32F446xC/E
164/202
DocID027107 Rev 6
Figure 56. Synchronous non-multiplexed NOR/PSRAM read timings
Table 96. Synchronous non-multiplexed NOR/PSRAM read timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
2THCLK
-
ns
t(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
2.5
td(CLKH-NExH) FMC_CLK high to FMC_NEx high (x= 0…2)
THCLK – 0.5
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
0
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
2.5
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
THCLK
-
td(CLKL-NOEL)
FMC_CLK low to FMC_NOE low
-
2
td(CLKH-NOEH) FMC_CLK high to FMC_NOE high
THCLK – 0.5
-
tsu(DV-CLKH)
FMC_D[15:0] valid data before FMC_CLK high
1
-
th(CLKH-DV)
FMC_D[15:0] valid data after FMC_CLK high
3.5
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
1
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
3.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com