Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 185Page - STMicroelectronics STM32F446XC Datasheet HTML 186Page - STMicroelectronics STM32F446XC Datasheet HTML 187Page - STMicroelectronics STM32F446XC Datasheet HTML 188Page - STMicroelectronics STM32F446XC Datasheet HTML 189Page - STMicroelectronics STM32F446XC Datasheet HTML 190Page - STMicroelectronics STM32F446XC Datasheet HTML 191Page - STMicroelectronics STM32F446XC Datasheet HTML 192Page - STMicroelectronics STM32F446XC Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 202 page
background image
DocID027107 Rev 6
189/202
STM32F446xC/E
Package information
199
7.5
UFBGA144 10 x 10 mm package information
Figure 79. UFBGA144 - 144-pin, 10 x 10 mm, 0.80 mm pitch, ultra fine pitch ball
grid array package outline
1. Drawing is not to scale.
Table 113. UFBGA144 - 144-pin, 10 x 10 mm, 0.80 mm pitch, ultra fine pitch ball
grid array package mechanical data
Symbol
millimeters
inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.460
0.530
0.600
0.0181
0.0209
0.0236
A1
0.050
0.080
0.110
0.0020
0.0031
0.0043
A2
0.400
0.450
0.500
0.0157
0.0177
0.0197
A3
0.050
0.080
0.110
-
0.0051
-
A4
0.270
0.320
0.370
0.0106
0.0126
0.0146
b
0.360
0.400
0.440
0.0091
0.0110
0.0130
D
9.950
10.000
10.050
0.2736
0.2756
0.2776
D1
8.750
8.800
8.850
0.2343
0.2362
0.2382
E
9.950
10.000
10.050
0.2736
0.2756
0.2776
E1
8.750
8.800
8.850
0.2343
0.2362
0.2382
e
0.750
0.800
0.850
-
0.0197
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com