Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 194Page - STMicroelectronics STM32F446MC Datasheet HTML 195Page - STMicroelectronics STM32F446MC Datasheet HTML 196Page - STMicroelectronics STM32F446MC Datasheet HTML 197Page - STMicroelectronics STM32F446MC Datasheet HTML 198Page - STMicroelectronics STM32F446MC Datasheet HTML 199Page - STMicroelectronics STM32F446MC Datasheet HTML 200Page - STMicroelectronics STM32F446MC Datasheet HTML 201Page - STMicroelectronics STM32F446MC Datasheet HTML 202Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 200 / 202 page
background image
Revision history
STM32F446xC/E
200/202
DocID027107 Rev 6
Revision history
Table 119. Document revision history
Date
Revision
Changes
17-Feb-2015
1
Initial release.
16-Mar-2015
2
Added note 2 inside Table 2
Updated Table 11, Table 23, Table 24, Table 25, Table 26, Table 30,
Table 51, Table 52, Table 53, and Table 61
Added condition inside Typical and maximum current consumption and
Additional current consumption
Added FMPI2C characteristics
Added Table 62 and Figure 35
29-May-2015
3
Updated:
– Section 6.3.15: Absolute maximum ratings (electrical sensitivity)
– Section 7: Package information
– Table 2: STM32F446xC/E features and peripheral counts
– Table 13: STM32F446xC/xE WLCSP81 ballout
– Figure 53: ESD absolute maximum ratings
– Figure 54: Synchronous multiplexed NOR/PSRAM read timings
Added:
– Figure 78: UQFP144 7 x 7 mm marking example (package top view),
– Figure 81: UQFP144 10 x 10 mm marking example (package top
view),
– Figure 84: WLCSP81 10 x 10 mm marking example (package top
view)
10-Aug-2015
4
Updated:
– Figure 14: STM32F446xC/xE UFBGA144 ballout
– Table 10: STM32F446xx pin and ball descriptions
– Table 18: VCAP_1/VCAP_2 operating conditions
– Section 3.15: Power supply schemes
– Section 6.3.2: VCAP_1/VCAP_2 external capacitor
Added:
– Figure 5: VDDUSB connected to an external independent power
supply
– Notes 3 and 4 below Figure 18: Power supply scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com