Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 194Page - STMicroelectronics STM32F446MC Datasheet HTML 195Page - STMicroelectronics STM32F446MC Datasheet HTML 196Page - STMicroelectronics STM32F446MC Datasheet HTML 197Page - STMicroelectronics STM32F446MC Datasheet HTML 198Page - STMicroelectronics STM32F446MC Datasheet HTML 199Page - STMicroelectronics STM32F446MC Datasheet HTML 200Page - STMicroelectronics STM32F446MC Datasheet HTML 201Page - STMicroelectronics STM32F446MC Datasheet HTML 202Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 201 / 202 page
background image
DocID027107 Rev 6
201/202
STM32F446xC/E
Revision history
201
03-Nov-2015
5
Updated:
– Introduction;
– Table 2: STM32F446xC/E features and peripheral counts
– Table 43: Main PLL characteristics
– Title of Table 45: PLLISAI characteristics
– Table 109: LQPF100, 14 x 14 mm 100-pin low-profile quad flat
package mechanical data
– Table 118: Ordering information scheme
– Figure 10: STM32F446xC/xE LQFP64 pinout
– Figure 11: STM32F446xC/xE LQFP100 pinout
Added:
– Figure 77: UFBGA144 - 144-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine
pitch ball grid array package recommended footprint
– Figure 111: UFBGA144 - 144-pin, 7 x 7 mm, 0.50 mm pitch, ultra fine
pitch ball grid array package mechanical data
02-Sep-2016
6
Updated:
– Section 7: Package information;
– Table 30: Typical current consumption in Run mode, code with data
processing running from Flash memory or RAM, regulator ON (ART
accelerator enabled except prefetch), VDD=1.7 V
– Table 74: ADC characteristics
– Table 85: DAC characteristics
Added:
– Note 3 in Figure 33: Recommended NRST pin protection
– Note 4 in Table 41: HSI oscillator characteristics
Table 119. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com