Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2931
Description  Series Low Dropout Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2931 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2931 Datasheet HTML 1Page - National Semiconductor (TI) LM2931 Datasheet HTML 2Page - National Semiconductor (TI) LM2931 Datasheet HTML 3Page - National Semiconductor (TI) LM2931 Datasheet HTML 4Page - National Semiconductor (TI) LM2931 Datasheet HTML 5Page - National Semiconductor (TI) LM2931 Datasheet HTML 6Page - National Semiconductor (TI) LM2931 Datasheet HTML 7Page - National Semiconductor (TI) LM2931 Datasheet HTML 8Page - National Semiconductor (TI) LM2931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Typical Applications
LM2931 Fixed Output
00525404
*Required if regulator is located far from power supply filter.
**C2 must be at least 100 µF to maintain stability. May be increased without bound to maintain regulation during transients. Locate as close as possible to the
regulator. This capacitor must be rated over the same operating temperature range as the regulator. The equivalent series resistance (ESR) of this capacitor is
critical; see curve.
LM2931 Adjustable Output
00525405
Note: Using 27k for R1 will automatically compensate for errors in VOUT due to the input bias current of the ADJ pin (approximately 1 µA).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com