Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2931
Description  Series Low Dropout Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2931 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2931 Datasheet HTML 1Page - National Semiconductor (TI) LM2931 Datasheet HTML 2Page - National Semiconductor (TI) LM2931 Datasheet HTML 3Page - National Semiconductor (TI) LM2931 Datasheet HTML 4Page - National Semiconductor (TI) LM2931 Datasheet HTML 5Page - National Semiconductor (TI) LM2931 Datasheet HTML 6Page - National Semiconductor (TI) LM2931 Datasheet HTML 7Page - National Semiconductor (TI) LM2931 Datasheet HTML 8Page - National Semiconductor (TI) LM2931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2931
Series Low Dropout Regulators
General Description
The LM2931 positive voltage regulator features a very low
quiescent current of 1mA or less when supplying 10mA
loads. This unique characteristic and the extremely low
input-output differential required for proper regulation (0.2V
for output currents of 10mA) make the LM2931 the ideal
regulator for standby power systems. Applications include
memory standby circuits, CMOS and other low power pro-
cessor power supplies as well as systems demanding as
much as 100mA of output current.
Designed originally for automotive applications, the LM2931
and all regulated circuitry are protected from reverse battery
installations or 2 battery jumps. During line transients, such
as a load dump (60V) when the input voltage to the regulator
can momentarily exceed the specified maximum operating
voltage, the regulator will automatically shut down to protect
both internal circuits and the load. The LM2931 cannot be
harmed by temporary mirror-image insertion. Familiar regu-
lator features such as short circuit and thermal overload
protection are also provided.
The LM2931 family includes a fixed 5V output (±3.8% toler-
ance for A grade) or an adjustable output with ON/OFF pin.
Both versions are available in a TO-220 power package,
TO-263 surface mount package, and an 8-lead surface
mount package. The fixed output version is also available in
the TO-92 plastic and 6-Bump micro SMD packages.
Features
n
Very low quiescent current
n
Output current in excess of 100 mA
n
Input-output differential less than 0.6V
n
Reverse battery protection
n
60V load dump protection
n
−50V reverse transient protection
n
Short circuit protection
n
Internal thermal overload protection
n
Mirror-image insertion protection
n
Available in TO-220, TO-92, TO-263, SO-8 or 6-Bump
micro SMD packages
n
Available as adjustable with TTL compatible switch
n
See AN-1112 for micro SMD considerations
Connection Diagrams
FIXED VOLTAGE OUTPUT
TO-220 3-Lead Power Package
00525406
Front View
TO-263 Surface-Mount Package
00525411
Top View
00525412
Side View
8-Pin Surface Mount
TO-92 Plastic Package
00525407
Top View
*NC = Not internally connected. Must be electrically isolated from the rest
of the circuit for the micro SMD package.
00525408
Bottom View
March 2002
© 2002 National Semiconductor Corporation
DS005254
www.national.com


Similar Part No. - LM2931

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Mar-2004
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LM2931

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
Series Low Dropout Regulators
logo
Texas Instruments
LM2931-N TI1-LM2931-N Datasheet
447Kb / 19P
Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
Low Dropout Regulators
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com