Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2931
Description  Series Low Dropout Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2931 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2931 Datasheet HTML 3Page - National Semiconductor (TI) LM2931 Datasheet HTML 4Page - National Semiconductor (TI) LM2931 Datasheet HTML 5Page - National Semiconductor (TI) LM2931 Datasheet HTML 6Page - National Semiconductor (TI) LM2931 Datasheet HTML 7Page - National Semiconductor (TI) LM2931 Datasheet HTML 8Page - National Semiconductor (TI) LM2931 Datasheet HTML 9Page - National Semiconductor (TI) LM2931 Datasheet HTML 10Page - National Semiconductor (TI) LM2931 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Electrical Characteristics for Adjustable Version (Continued)
V
IN = 14V, VOUT = 3V, IO = 10 mA, TJ = 25˚C, R1 = 27k, C2 = 100 µF (unless otherwise specified) (Note 2)
Parameter
Conditions
Typ
Limit
Units
Limit
Output Noise Voltage
10 Hz–100 kHz
100
µV
rms/V
Long Term Stability
0.4
%/1000 hr
Ripple Rejection
f
O = 120 Hz
0.02
%/V
Dropout Voltage
I
O ≤ 10 mA
0.05
0.2
V
MAX
I
O = 100 mA
0.3
0.6
V
MAX
Maximum Operational Input
Voltage
33
26
V
MIN
Maximum Line Transient
I
O = 10 mA, Reference Voltage ≤ 1.5V
70
60
V
MIN
T=1 ms,
τ≤ 100 ms
Reverse Polarity Input
V
O ≥ −0.3V, RL = 500Ω
Voltage, DC
−30
−15
V
MIN
Reverse Polarity Input
T = 1 ms,
τ≤ 100 ms, R
L = 500Ω
Voltage, Transient
−80
−50
V
MIN
On/Off Threshold Voltage
V
O=3V
On
2.0
1.2
V
MAX
Off
2.2
3.25
V
MIN
On/Off Threshold Current
20
50
µA
MAX
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com