Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2931
Description  Series Low Dropout Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2931 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2931 Datasheet HTML 1Page - National Semiconductor (TI) LM2931 Datasheet HTML 2Page - National Semiconductor (TI) LM2931 Datasheet HTML 3Page - National Semiconductor (TI) LM2931 Datasheet HTML 4Page - National Semiconductor (TI) LM2931 Datasheet HTML 5Page - National Semiconductor (TI) LM2931 Datasheet HTML 6Page - National Semiconductor (TI) LM2931 Datasheet HTML 7Page - National Semiconductor (TI) LM2931 Datasheet HTML 8Page - National Semiconductor (TI) LM2931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
Operating Range
26V
Overvoltage Protection
LM2931A, LM2931C
(Adjustable)
60V
LM2931
50V
Internal Power Dissipation
(Note 2) (Note 4)
Internally Limited
Operating Ambient Temperature
Range
−40˚C to +85˚C
Maximum Junction Temperature
125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
230˚C
ESD Tolerance (Note 5)
2000V
Electrical Characteristics for Fixed 3.3V Version
V
IN = 14V, IO = 10mA, TJ = 25˚C, C2 = 100µF (unless otherwise specified) (Note 2)
Parameter
Conditions
LM2931-3.3
Units
Typ
Limit
(Note 3)
Output Voltage
3.3
3.465
3.135
V
MAX
V
MIN
4V
≤ V
IN ≤ 26V, IO = 100 mA
−40˚C
≤ T
J ≤ 125˚C
3.630
2.970
V
MAX
V
MIN
Line Regulation
4V
≤ V
IN ≤ 26V
4
33
mV
MAX
Load Regulation
5mA
≤ I
O ≤ 100mA
10
50
mV
MAX
Output Impedance
100mA
DC and 10mArms,
100Hz - 10kHz
200
m
Quiescent Current
I
O ≤ 10mA, 4V ≤ VIN ≤ 26V
0.4
1.0
mA
MAX
−40˚C
≤ T
J ≤ 125˚C
I
O = 100mA, VIN = 14V, TJ = 25˚C
15
mA
Output Noise Voltage
10Hz -100kHz, C
OUT = 100µF
330
µV
rms
Long Term Stability
13
mV/1000 hr
Ripple Rejection
f
O = 120Hz
80
dB
Dropout Voltage
I
O = 10mA
I
O = 100mA
0.05
0.30
0.2
0.6
V
MAX
Maximum Operational Input
Voltage
33
26
V
MIN
Maximum Line Transient
R
L = 500Ω,VO ≤ 5.5V,
T = 1ms,
τ≤ 100ms
70
50
V
MIN
Reverse Polarity Input
Voltage, DC
V
O ≥ −0.3V, RL = 500Ω
−30
−15
V
MIN
Reverse Polarity Input
Voltage, Transient
T = 1ms,
τ≤ 100ms, R
L = 500Ω
−80
−50
V
MIN
Electrical Characteristics for Fixed 5V Version
V
IN = 14V, IO = 10mA, TJ = 25˚C, C2 = 100 µF (unless otherwise specified) (Note 2)
Parameter
Conditions
LM2931A-5.0
LM2931-5.0
Units
Typ
Limit
(Note 3)
Typ
Limit
(Note 3)
Output Voltage
5
5.19
4.81
5
5.25
4.75
V
MAX
V
MIN
6.0V
≤ V
IN ≤ 26V, IO = 100mA
−40˚C
≤ T
J ≤ 125˚C
5.25
4.75
5.5
4.5
V
MAX
V
MIN
Line Regulation
9V
≤ V
IN ≤ 16V
6V
≤ V
IN ≤ 26V
2
4
10
30
2
4
10
30
mV
MAX
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com