Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742T-/2G Datasheet(PDF) 42 Page - Microchip Technology

Part # USB5742T-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742T-/2G Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB5742T-/2G Datasheet HTML 38Page - Microchip Technology USB5742T-/2G Datasheet HTML 39Page - Microchip Technology USB5742T-/2G Datasheet HTML 40Page - Microchip Technology USB5742T-/2G Datasheet HTML 41Page - Microchip Technology USB5742T-/2G Datasheet HTML 42Page - Microchip Technology USB5742T-/2G Datasheet HTML 43Page - Microchip Technology USB5742T-/2G Datasheet HTML 44Page - Microchip Technology USB5742T-/2G Datasheet HTML 45Page - Microchip Technology USB5742T-/2G Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
USB5742
DS00002016B-page 42
 2015-2016 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002016B (06-06-16)
Section 10.0, Package Information
Added top marking information and land pat-
tern drawing.
Product Identification System on page
44
Added package with hub feature controller
disabled
Cover, Product Identification System
Added industrial temperature option.
All
Updated “SQFN” references to “VQFN”.
Name change only.
Section 8.4.2.1, Port Power Control
using USB Power Switch
Added additional information on overcurrent
detection methods.
Section 9.6.1, Power Supply and
RESET_N Sequence Timing
Added Power Supply and RESET_N
Sequence Timing section.
Section 9.6.5, I2C Timing
“100kHz Standard Mode (Sm)” updated to
“400kHz Fast Mode (Fm)”, since the device
supports up to 400kHz I2C operation.
DS00002016A (09-10-15)
All
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com