Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742T-/2G Datasheet(PDF) 10 Page - Microchip Technology

Part # USB5742T-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742T-/2G Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB5742T-/2G Datasheet HTML 6Page - Microchip Technology USB5742T-/2G Datasheet HTML 7Page - Microchip Technology USB5742T-/2G Datasheet HTML 8Page - Microchip Technology USB5742T-/2G Datasheet HTML 9Page - Microchip Technology USB5742T-/2G Datasheet HTML 10Page - Microchip Technology USB5742T-/2G Datasheet HTML 11Page - Microchip Technology USB5742T-/2G Datasheet HTML 12Page - Microchip Technology USB5742T-/2G Datasheet HTML 13Page - Microchip Technology USB5742T-/2G Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
USB5742
DS00002016B-page 10
 2015-2016 Microchip Technology Inc.
3.2
Pin Descriptions
This section contains descriptions of the various USB5742 pins. This pin descriptions have been broken into functional
groups as follows:
• USB 3.1 Gen 1 Pin Descriptions
• USB 2.0 Pin Descriptions
• USB Port Control Pin Descriptions
• SPI/SMBus Pin Descriptions
• Miscellaneous Pin Descriptions
• Power and Ground Pin Descriptions
The “_N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage
level. For example, RESET_N indicates that the reset signal is active low. When “_N” is not present after the signal
name, the signal is asserted when at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “Active high” signals. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
Note:
The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables. A
description of the buffer types is provided in Section 3.3, "Buffer Types," on page 14.
For additional information on configuration straps and configurable pins, refer to Section 3.4, "Configuration
Straps and Programmable Functions".
TABLE 3-2:
USB 3.1 GEN 1 PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
USB3UP_TXDP
IO-U
USB 3.1 Gen 1 upstream SuperSpeed transmit data plus.
1
USB3UP_TXDM
IO-U
USB 3.1 Gen 1 upstream SuperSpeed transmit data minus.
1
USB3UP_RXDP
IO-U
USB 3.1 Gen 1 upstream SuperSpeed receive data plus.
1
USB3UP_RXDM
IO-U
USB 3.1 Gen 1 upstream SuperSpeed receive data minus.
2
USBDN_TXDP[2:1]
IO-U
USB 3.1 Gen 1 downstream ports 2-1 SuperSpeed transmit data plus.
2
USBDN_TXDM[2:1]
IO-U
USB 3.1 Gen 1 downstream ports 2-1 SuperSpeed transmit data
minus.
2
USBDN_RXDP[2:1]
IO-U
USB 3.1 Gen 1 downstream ports 2-1 SuperSpeed receive data plus.
2
USBDN_RXDM[2:1]
IO-U
USB 3.1 Gen 1 downstream ports 2-1 SuperSpeed receive data
minus.
TABLE 3-3:
USB 2.0 PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
USB2UP_DP
IO-U
USB 2.0 upstream data plus (D+).
1
USB2UP_DM
IO-U
USB 2.0 upstream data minus (D-).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com