Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742T-/2G Datasheet(PDF) 11 Page - Microchip Technology

Part # USB5742T-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742T-/2G Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB5742T-/2G Datasheet HTML 7Page - Microchip Technology USB5742T-/2G Datasheet HTML 8Page - Microchip Technology USB5742T-/2G Datasheet HTML 9Page - Microchip Technology USB5742T-/2G Datasheet HTML 10Page - Microchip Technology USB5742T-/2G Datasheet HTML 11Page - Microchip Technology USB5742T-/2G Datasheet HTML 12Page - Microchip Technology USB5742T-/2G Datasheet HTML 13Page - Microchip Technology USB5742T-/2G Datasheet HTML 14Page - Microchip Technology USB5742T-/2G Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2015-2016 Microchip Technology Inc.
DS00002016B-page 11
USB5742
Note 2:
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external
chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as con-
figurations traps must be augmented with an external resistor when connected to a load. Refer to Section
3.4, "Configuration Straps and Programmable Functions" for additional information.
2
USB2DN_DP[2:1]
IO-U
USB 2.0 downstream ports 2-1 data plus (D+).
PRT_DIS_P[2:1]
I
Port 2-1 D+ Disable Configuration Strap.
These configuration straps are used in conjunction with the corre-
sponding PRT_DIS_M[2:1] straps to disable the related port (2-1).
Refer to Section 3.4.2, "Port Disable Configuration (PRT_DIS_P[2:1] /
PRT_DIS_M[2:1])" for more information.
See Note 2.
2
USB2DN_DM[2:1]
IO-U
USB 2.0 downstream ports 2-1 data minus (D-).
PRT_DIS_M[2:1]
I
Port 2-1 D- Disable Configuration Strap.
These configuration straps are used in conjunction with the corre-
sponding PRT_DIS_P[2:1] straps to disable the related port (2-1).
Refer to Section 3.4.2, "Port Disable Configuration (PRT_DIS_P[2:1] /
PRT_DIS_M[2:1])" for more information.
See Note 2.
1
VBUS_DET
IS
This signal detects the state of the upstream bus power.
When designing a detachable hub, this pin must be connected to the
VBUS power pin of the upstream USB port through a resistor divider
(50 k
 by 100 k) to provide 3.3 V.
For self-powered applications with a permanently attached host, this
pin must be connected to either 3.3 V or 5.0 V through a resistor
divider to provide 3.3 V.
In embedded applications, VBUS_DET may be controlled (toggled)
when the host desires to renegotiate a connection without requiring a
full reset of the device.
GPIO16
I/O6
General purpose input/output 16.
TABLE 3-4:
USB PORT CONTROL PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
PRT_CTL1
I
(PU)
Port 1 Power Enable / Overcurrent Sense.
As an output, this signal is an active high control signal used to enable
power to the downstream port 1. As an input, this signal indicates an
overcurrent condition from an external current monitor on USB port 1.
1
PRT_CTL2
I
(PU)
Port 2 Power Enable / Overcurrent Sense.
As an output, this signal is an active high control signal used to enable
power to the downstream port 2. As an input, this signal indicates an
overcurrent condition from an external current monitor on USB port 2.
TABLE 3-3:
USB 2.0 PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com