Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742T-/2G Datasheet(PDF) 13 Page - Microchip Technology

Part # USB5742T-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742T-/2G Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB5742T-/2G Datasheet HTML 9Page - Microchip Technology USB5742T-/2G Datasheet HTML 10Page - Microchip Technology USB5742T-/2G Datasheet HTML 11Page - Microchip Technology USB5742T-/2G Datasheet HTML 12Page - Microchip Technology USB5742T-/2G Datasheet HTML 13Page - Microchip Technology USB5742T-/2G Datasheet HTML 14Page - Microchip Technology USB5742T-/2G Datasheet HTML 15Page - Microchip Technology USB5742T-/2G Datasheet HTML 16Page - Microchip Technology USB5742T-/2G Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
 2015-2016 Microchip Technology Inc.
DS00002016B-page 13
USB5742
1
ATEST
AI
Analog test pin.
This signal is used for test purposes and must always be connected to
ground.
1
GPIO19
I/O6
General purpose input/output 19.
1
GPIO20
I/O6
General purpose input/output 20.
GANG_PWR
I
(PU)
When pulled high enables gang mode. Gang power pin when used in
gang mode.
12
NC
-
No Connect. These pins must be left unconnected for proper opera-
tion.
TABLE 3-7:
POWER AND GROUND PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
4
VDD33
P
+3.3 V power and internal regulator input
Refer to Section 4.1, "Power Connections" for power connection infor-
mation.
8
VDD12
P
+1.2 V core power
Refer to Section 4.1, "Power Connections" for power connection infor-
mation.
Pad
VSS
P
Common ground.
This exposed pad must be connected to the ground plane with a via
array.
TABLE 3-6:
MISCELLANEOUS PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com