Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN230 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN230 Datasheet HTML 7Page - STMicroelectronics STSPIN230 Datasheet HTML 8Page - STMicroelectronics STSPIN230 Datasheet HTML 9Page - STMicroelectronics STSPIN230 Datasheet HTML 10Page - STMicroelectronics STSPIN230 Datasheet HTML 11Page - STMicroelectronics STSPIN230 Datasheet HTML 12Page - STMicroelectronics STSPIN230 Datasheet HTML 13Page - STMicroelectronics STSPIN230 Datasheet HTML 14Page - STMicroelectronics STSPIN230 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID029312 Rev 4
11/22
STSPIN230
Pin description
22
4
SENSEU
Power output
Sense output bridge U (must be connected to
SENSEVW).
9
SENSEVW
Power output
Sense output bridge V and W (must be connected to
SENSEU).
14
STBY\RESET
Logic input
Logic input 5 V compliant.
When forced low, the device is forced into the low
consumption mode.
15
INVL
Logic input
Output V driving input (low side).
16
INVH
Logic input
Output V driving input (high side).
Table 6. Pin description (continued)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com