Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN230 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN230 Datasheet HTML 9Page - STMicroelectronics STSPIN230 Datasheet HTML 10Page - STMicroelectronics STSPIN230 Datasheet HTML 11Page - STMicroelectronics STSPIN230 Datasheet HTML 12Page - STMicroelectronics STSPIN230 Datasheet HTML 13Page - STMicroelectronics STSPIN230 Datasheet HTML 14Page - STMicroelectronics STSPIN230 Datasheet HTML 15Page - STMicroelectronics STSPIN230 Datasheet HTML 16Page - STMicroelectronics STSPIN230 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID029312 Rev 4
13/22
STSPIN230
Functional description
22
6
Functional description
The STSPIN230 device is a protected triple half-bridge motor driver.
6.1
Standby and power-up
The device provides a low consumption mode which is set forcing the STBY\RESET input
below the VSTBYL threshold.
When the device is in standby status the power stage is disabled (outputs are in high
impedance) and the supply to the integrated control circuitry is cut off. When the device
leaves the standby status, all the control circuitry is reset to power-up condition.
6.2
Motor driving
The outputs of the three half-bridges are directly driven through the logic inputs as listed in
Table 8.
Table 8. INxH and INxL
EN\FAULT
INxH
INxL
'x' half-bridge condition
0
X
X
High impedance
1
0
0
High impedance
1
0
1
Low side MOSFET ON
1
1
0
High side MOSFET ON
1
1
1
High impedance (interlocking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com