Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN230 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN230 Datasheet HTML 1Page - STMicroelectronics STSPIN230 Datasheet HTML 2Page - STMicroelectronics STSPIN230 Datasheet HTML 3Page - STMicroelectronics STSPIN230 Datasheet HTML 4Page - STMicroelectronics STSPIN230 Datasheet HTML 5Page - STMicroelectronics STSPIN230 Datasheet HTML 6Page - STMicroelectronics STSPIN230 Datasheet HTML 7Page - STMicroelectronics STSPIN230 Datasheet HTML 8Page - STMicroelectronics STSPIN230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
November 2016
DocID029312 Rev 4
1/22
STSPIN230
Low voltage triple half-bridge motor driver for BLDC motors
Datasheet
- production data
Features
 Operating voltage from 1.8 to 10 V
 Maximum output current 1.3 Arms
 RDS(ON) HS + LS = 0.4  typ.
 Full protection set
– Non-dissipative overcurrent protection
– Short-circuit protection
– Thermal shutdown
– Interlocking function
 Energy saving and long battery life with
standby consumption less than 80 nA
Applications
 Battery-powered 3-phase brushless (BLDC)
motors in applications such as:
–Toys
– Robotics
– Portable medical equipment
Description
The STSPIN230 device integrates a triple half-
bridge low RDS(ON) power stage in a small QFN -
3 x 3 mm package.
The device is designed to operate in battery-
powered scenarios and can be forced into a zero-
consumption state, allowing a significant increase
in battery life.
The device offers a complete set of protection
including overcurrent, overtemperature and short-
circuit protection.
QFN 3x3 (16-pin)
www.st.com


Similar Part No. - STSPIN230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN233 STMICROELECTRONICS-STSPIN233 Datasheet
448Kb / 22P
Low voltage three phase and three sense motor driver
17-Jan-2018
More results

Similar Description - STSPIN230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62M3704F TOSHIBA-TD62M3704F Datasheet
268Kb / 6P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER FOR MOTOR
logo
Rohm
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
Reversible motor driver for 2 motors
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
2 Phase Half Wave BLDC Motor Driver
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
2 Phase Half Wave BLDC Motor Driver
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
Reversible Motor Driver for 2 motors
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
Dual Half Bridge Motor Driver
logo
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
MODULES FOR BLDC MOTORS
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
Qorvo, Inc
PAC5524 QORVO-PAC5524 Datasheet
1Mb / 89P
High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com