Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN230 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSPIN230 Datasheet HTML 14Page - STMicroelectronics STSPIN230 Datasheet HTML 15Page - STMicroelectronics STSPIN230 Datasheet HTML 16Page - STMicroelectronics STSPIN230 Datasheet HTML 17Page - STMicroelectronics STSPIN230 Datasheet HTML 18Page - STMicroelectronics STSPIN230 Datasheet HTML 19Page - STMicroelectronics STSPIN230 Datasheet HTML 20Page - STMicroelectronics STSPIN230 Datasheet HTML 21Page - STMicroelectronics STSPIN230 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID029312 Rev 4
21/22
STSPIN230
Ordering information
22
9
Ordering information
10
Revision history
Table 10. Device summary
Order code
Package
Packaging
STSPIN230
VFQFPN 3x3x1.0 16L
Tape and reel
Table 11. Document revision history
Date
Revision
Changes
06-May-2016
1
Initial release.
30-Jun-2016
2
Updated document status to Datasheet - production
data on page 1.
Updated Table 1 on page 6 (changed Max. value of VS
from 12 to 11).
19-Oct-2016
3
Updated main title on page 1 (added “for BLDC
motors”).
Updated Section : Features on page 1 (added
“Interlocking function”).
Updated Figure 1 on page 5, Figure 3 on page 12, and
Figure 8 on page 17 (replaced by new figures).
Updated Table 3 on page 6 (replaced by new table).
Updated Figure 2 on page 10 (replaced “SENSE” by
“SENSEU” and “SENSEVW”).
Updated Table 6 on page 10 (updated pin 4 and 9).
Minor modifications throughout document.
04-Nov-2016
4
Updated Table 2 on page 6 (added tINw symbol).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com