Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2601 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2601
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2601 Datasheet(HTML) 1 Page - Microchip Technology

  USB2601 Datasheet HTML 1Page - Microchip Technology USB2601 Datasheet HTML 2Page - Microchip Technology USB2601 Datasheet HTML 3Page - Microchip Technology USB2601 Datasheet HTML 4Page - Microchip Technology USB2601 Datasheet HTML 5Page - Microchip Technology USB2601 Datasheet HTML 6Page - Microchip Technology USB2601 Datasheet HTML 7Page - Microchip Technology USB2601 Datasheet HTML 8Page - Microchip Technology USB2601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2004 - 2016 Microchip Technology Inc.
DS00002119A-page 1
Hub Controller
• Provides Three USB 2.0 Downstream Ports via
internal USB 2.0 Hub
- Multi Transaction Translator for FS/LS
devices attached
Flash Media Controller
• Complete System Solution for interfacing Smart-
MediaTM (SM) or xD Picture CardTM (xD)1, Mem-
ory StickTM (MS), High Speed Memory Stick
(HSMS), Memory Stick PRO (MSPRO), MS
DuoTM, Secure Digital (SD), Mini-Secure Digital
(Mini-SD), TransFlash (SD), MultiMediaCardTM
(MMC), Reduced Size MultiMediaCard (RS-
MMC), NAND Flash, Compact FlashTM (CF) and
CF UltraTM I & II, and CF form-factor ATA hard
drives to USB 2.0 bus
- Supports USB Bulk Only Mass Storage Com-
pliant Bootable BIOS
• Support for simultaneous operation of all above
devices. (only one at a time of each of the follow-
ing groups supported: CF or ATA drive, SM or XD
or NAND, SD or MMC)
• On-Chip 4-Bit High Speed Memory Stick and MS
PRO Hardware Circuitry
• On-Chip firmware reads and writes High Speed
Memory Stick and MS PRO
• 1-bit ECC correction performed in hardware for
maximum efficiency
• Hardware support for SD Security Command
Extensions
• 3.3 Volt I/O with 5V input tolerance on VBUS, Port
Power and Over-Current Sense pins
• On-chip power FETs for supplying flash media
card power with minimum board components
• 8051 8 bit microprocessor
- Provides low speed control functions
- 30 MHz execution speed at 4 cycles per
instruction average
- 12K Bytes of internal SRAM for general pur-
pose scratchpad
- 768 Bytes of internal SRAM for general pur-
pose scratchpad or program execution while
re-flashing external ROM
- Double Buffered Bulk Endpoint
- Bi-directional 512 Byte Buffer for Bulk End-
point
- 64 Byte RX Control Endpoint Buffer
- 64 Byte TX Control Endpoint Buffer
• Internal Program Memory Interface
- 64K Byte Internal Code Space
• On Board 24MHz Crystal Driver Circuit
• Can be clocked by an external 24MHz source
• On-Chip 1.8V Regulator for Low Power Core
Operation
• Internal PLL for 480MHz USB 2.0 Sampling, Con-
figurable MCU clock
• 11 GPIOs for special function use: LED indicators,
button inputs, power control to memory devices,
etc.
- Inputs capable of generating interrupts with
either edge sensitivity
• Configuration of Hub and Flash Media features
controlled either by internal defaults or via single
external EEPROM. User configurable features:
- Full or Partial Card compliance checking
- LUN configuration and assignment
- Write Protect Polarity
- Cover Switch operation for xD compliance
- Inquiry Command operation
- SD Write Protect operation
- Older CF card support
- Force USB 1.1 reporting
- Internal or External Power FET operation
• Compatible with Microsoft WinXP, WinME, Win2K
SP3&4, Apple OS10 and Linux Multi-LUN Mass
Storage Class Drivers
• Win2K, Win98/98SE and Apple OS8.6 and OS9
Multi-LUN Mass Storage Class Drivers are avail-
able from Microchip
• 128-Pin TQFP Package (1.0mm height, 14mm
x14mm footprint); RoHS compliant package also
available
1.xD Picture Card not applicable to USB2601
USB2601/USB2602
4th Generation USB 2.0 Flash Media Controller with
Integrated Card Power FETs & HS Hub


Similar Part No. - USB2601

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2601 SMSC-USB2601 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2601-NE-03 SMSC-USB2601-NE-03 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2601-NE-XX SMSC-USB2601-NE-XX Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2601-NU-03 SMSC-USB2601-NU-03 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
More results

Similar Description - USB2601

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2226 SMSC-USB2226 Datasheet
334Kb / 23P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com