Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2601 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2601
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2601 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2601 Datasheet HTML 6Page - Microchip Technology USB2601 Datasheet HTML 7Page - Microchip Technology USB2601 Datasheet HTML 8Page - Microchip Technology USB2601 Datasheet HTML 9Page - Microchip Technology USB2601 Datasheet HTML 10Page - Microchip Technology USB2601 Datasheet HTML 11Page - Microchip Technology USB2601 Datasheet HTML 12Page - Microchip Technology USB2601 Datasheet HTML 13Page - Microchip Technology USB2601 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
USB2601/USB2602
DS00002119A-page 10
 2004 - 2016 Microchip Technology Inc.
4.0
BLOCK DIAGRAM
FIGURE 4-1:
USB2601/USB2602 BLOCK DIAGRAM
Four port USB 2.0 Hub
CF/SD/xD/MS
Card Reader
3.3V to
1.8V
Regulator
Upstream
PHY
24 MHz
UTMI
1.8 V
3.3 V
low
ESR
Cap
3.3 V
3.3 V
1.8 V
USB DP/DM
Port Power
Port Status
Over Current
USB DP/DM
Port Power
Port Status
Over Current
USB DP/DM
Port Power
Port Status
Over Current
USB
Upstream
VBUS
Detect
CF
Socket
MS
Socket
SD
Socket
SM/xD
Socket
24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com