Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2601 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB2601
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2601 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB2601 Datasheet HTML 13Page - Microchip Technology USB2601 Datasheet HTML 14Page - Microchip Technology USB2601 Datasheet HTML 15Page - Microchip Technology USB2601 Datasheet HTML 16Page - Microchip Technology USB2601 Datasheet HTML 17Page - Microchip Technology USB2601 Datasheet HTML 18Page - Microchip Technology USB2601 Datasheet HTML 19Page - Microchip Technology USB2601 Datasheet HTML 20Page - Microchip Technology USB2601 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 2004 - 2016 Microchip Technology Inc.
DS00002119A-page 17
USB2601/USB2602
6.0
DC PARAMETERS
6.1
Maximum Ratings
Operating Temperature Range* ...................................................................................................................0oC to +70oC
Storage Temperature Range ..................................................................................................................... -55o to +150oC
Lead Temperature Range (soldering, 10 seconds) ............................................................................................... +325oC
Positive Voltage on GPIO3, with respect to Ground ..................................................................................................5.5V
Positive Voltage on any signal pin, with respect to Ground .......................................................................................4.6V
Positive Voltage on XTAL1, with respect to Ground...................................................................................................4.0V
Negative Voltage on GPIO8, 10 & 11, with respect to Ground (see Note 6-2)..........................................................-0.5V
Negative Voltage on any pin, with respect to Ground ...............................................................................................-0.5V
Maximum VDD18, VDD18PLL ......................................................................................................................................+2.5V
Maximum VDD33, VDDA33 .........................................................................................................................................+4.6V
* Stresses above the specified parameters could cause permanent damage to the device. This is a stress rating only
and functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
Note 6-1
When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on
the AC power line may appear on the DC output. When this possibility exists, it is suggested that a
clamp circuit be used.
Note 6-2
When internal power FET operation of these pins is enabled, these pins may be simultaneously
shorted to ground or any voltage up to 3.63V indefinitely, without damage to the device as long as
VDD33 and VDDA33 are less than 3.63V and TA is less than 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com