Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2601 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2601
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2601 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2601 Datasheet HTML 9Page - Microchip Technology USB2601 Datasheet HTML 10Page - Microchip Technology USB2601 Datasheet HTML 11Page - Microchip Technology USB2601 Datasheet HTML 12Page - Microchip Technology USB2601 Datasheet HTML 13Page - Microchip Technology USB2601 Datasheet HTML 14Page - Microchip Technology USB2601 Datasheet HTML 15Page - Microchip Technology USB2601 Datasheet HTML 16Page - Microchip Technology USB2601 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2004 - 2016 Microchip Technology Inc.
DS00002119A-page 13
USB2601/USB2602
SM
Data[7:0]
SM_D[7:0]
I/O8PD
These pins are the bi-directional data signal SM_D7-
SM_D0.
The bi-directional data signal has an internal weak pull-
down resistor.
SM
Read Enable
SM_nRE
08PU
This pin is an active low read strobe signal for SM device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET.
08
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used, and should be connected to the applicable Card
Power Supply).
SM
Write Enable
SM_nWE
O8PU
This pin is an active low write strobe signal for SM device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET.
08
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used, and should be connected to the applicable Card
Power Supply).
SM
Write Protect Switch
SM_nWPS
IPU
A write-protect seal is detected, when this pin is low.
This pin has an internally controlled weak pull-up resistor.
SM
Busy or Data Ready
SM_nB/R
I
This pin is connected to the BSY/RDY pin of the SM
device.
An external pull-up resistor is required on this signal. The
pull-up resistor must be pulled up to the same power
source that powers the SM/NAND flash device.
SM
Chip Enable
SM_nCE
O8PU
This pin is the active low chip enable signal to the SM
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET.
08
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used, and should be connected to the applicable Card
Power Supply).
SM
Card Detection
SM_nCD
IPU
This is the card detection signal from SM device to
indicate if the device is inserted.
This pin has an internally controlled weak pull-up resistor.
MEMORY STICK INTERFACE
MS
Bus State
MS_BS
O8
This pin is connected to the BS pin of the MS device.
It is used to control the Bus States 0, 1, 2 and 3 (BS0,
BS1, BS2 and BS3) of the MS device.
MS
System
Data In/Out
MS_SDIO/MS_D
0
I/O8PD
This pin is a bi-directional data signal for the MS device.
Most significant bit (MSB) of each byte is transmitted first
by either MSC or MS device.
The bi-directional data signal has an internal weak pull-
down resistor.
MS
System Data In/Out
MS_D1
I/O8PD
This pin is a bi-directional data signal for the MS device.
This pin has internally controlled weak pull-up and pull-
down resistors for various operational modes.
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com