Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2502
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2502 Datasheet HTML 9Page - Microchip Technology USB2502 Datasheet HTML 10Page - Microchip Technology USB2502 Datasheet HTML 11Page - Microchip Technology USB2502 Datasheet HTML 12Page - Microchip Technology USB2502 Datasheet HTML 13Page - Microchip Technology USB2502 Datasheet HTML 14Page - Microchip Technology USB2502 Datasheet HTML 15Page - Microchip Technology USB2502 Datasheet HTML 16Page - Microchip Technology USB2502 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002248A-page 13
USB2502
5.1.1.7
Current Sensing
Selects current sensing as all ports ganged, or none.
This field can be set by the OEM using either the SMBus or EEPROM interface options.When using the internal default
option, the SELF_PWR pin determines if current sensing will be ganged, or none (ganged if self-powered, none if bus-
powered).
5.1.1.8
Compound Device
Allows the OEM to indicate that the Hub is part of a compound (see the USB Specification for definition) device. The
applicable port(s) must also be defined as having a “Non-Removable Device”.
This field is set by the OEM using either the SMBus or EEPROM interface options.
Note: When configured via strapping options, declaring a port as non-removable automatically causes the hub controller
to report that it is part of a compound device.
5.1.1.9
Non-Removable Device
Informs the Host if one of the active ports has a permanent device that is undetachable from the Hub. (Note: The device
must provide its own descriptor data.)
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the NON_REM[1:0] pins will designate the appropriate ports as being non-removable.
5.1.1.10
Self-Powered Port DISABLE
During Self-Powered operation, this selects the ports which will be permanently disabled, and are not available to be
enabled or enumerated by a Host Controller. The disabled ports must be in decreasing order starting with port 2.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.11
Bus-Powered Port DISABLE
During Bus-Powered operation, this selects the ports which will be permanently disabled, and are not available to be
enabled or enumerated by a Host Controller. The disabled ports must be in decreasing order starting with port 2.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.12
Dynamic Power
Controls the ability of the 2-Port Hub to automatically change from Self-Powered operation to Bus-Powered operation
if the local power source is removed or is unavailable (and from Bus-Powered to Self-Powered if the local power source
is restored). {Note: If the local power source is available, the 2-port Hub will always switch to Self-Powered operation.}
When Dynamic Power switching is enabled, the Hub detects the availability of a local power source by monitoring the
external SELF_PWR pin. If the Hub detects a change in power source availability, the Hub immediately disconnects and
removes power from all downstream devices and disconnects the upstream port. The Hub will then re-attach to the
upstream port as either a Bus-Powered Hub (if local-power in unavailable) or a Self-Powered Hub (if local power is avail-
able).
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.13
Over-Current Timer
The time delay (in 2ms increments) for an over-current condition to persist before it is reported to the Host.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.14
Self-Powered Max Power
When in Self-Powered configuration, Sets value in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.15
Bus-Powered Max Power
When in Bus-Powered configuration, Sets value in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com