Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2502
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502 Datasheet(HTML) 1 Page - Microchip Technology

  USB2502 Datasheet HTML 1Page - Microchip Technology USB2502 Datasheet HTML 2Page - Microchip Technology USB2502 Datasheet HTML 3Page - Microchip Technology USB2502 Datasheet HTML 4Page - Microchip Technology USB2502 Datasheet HTML 5Page - Microchip Technology USB2502 Datasheet HTML 6Page - Microchip Technology USB2502 Datasheet HTML 7Page - Microchip Technology USB2502 Datasheet HTML 8Page - Microchip Technology USB2502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002248A-page 1
Highlights
• Integrated USB 2.0 Compatible 2-Port Hub
-
High-Speed (480Mbits/s), Full-Speed
(12Mbits/s) and Low-Speed (1.5Mbits/s)
compatible
- Full power management with ganged power
control
- Detects Bus-Power/Self-Power source and
changes mode automatically
• Complete USB Specification 2.0 Compatibility
- Includes USB 2.0 Transceivers
• VID/PID/DID, and Port Configuration for Hub via:
- Single Serial I2C EEPROM
- SMBus Slave Port
• Default VID/PID/DID, allows functionality when
configuration EEPROM is absent
• Hardware Strapping options allow for configura-
tion without an external EEPROM or SMBus Host
• On-Board 24MHz Crystal Driver Circuit or 24 MHz
external clock driver
• Internal PLL for 480MHz USB 2.0 Sampling
• Internal 1.8V Linear Voltage Regulator
• Integrated USB termination and Pull-up/Pull-down
resistors
• Internal Short Circuit protection of USB differential
signal pins
• Basic single-color LED support
• 1.8 Volt Low Power Core Operation
• 3.3 Volt I/O with 5V Input Tolerance
• 36-Pin QFN or 48-Pin TQFP RoHS compliant
package
USB2502
2-Port USB 2.0 Hub Controller


Similar Part No. - USB2502

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
USB2502-AEZG SMSC-USB2502-AEZG Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
USB2502-HT SMSC-USB2502-HT Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
More results

Similar Description - USB2502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com