Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2502
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2502 Datasheet HTML 15Page - Microchip Technology USB2502 Datasheet HTML 16Page - Microchip Technology USB2502 Datasheet HTML 17Page - Microchip Technology USB2502 Datasheet HTML 18Page - Microchip Technology USB2502 Datasheet HTML 19Page - Microchip Technology USB2502 Datasheet HTML 20Page - Microchip Technology USB2502 Datasheet HTML 21Page - Microchip Technology USB2502 Datasheet HTML 22Page - Microchip Technology USB2502 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002248A-page 19
USB2502
5.3.1.1
Byte Protocols
When using the Hub SMBus Interface for byte transfers, a write will always consist of the SMBus Interface Slave
Address byte, followed by the Internal Address Register byte, then the data byte.
The normal read protocol consists of a write to the HUB with the SMBus Interface Address byte, followed by the Internal
Address Register byte. Then restart the Serial Communication with a Read consisting of the SMBus Interface Address
byte, followed by the data byte read from the Hub. This can be accomplished by using the Read Byte protocol.
Write Byte
The Write Byte protocol is used to write data to the registers. The data will only be written if the protocol shown in
Table 5-2 is performed correctly. Only one byte is transferred at a time for a Write Byte protocol.
Read Byte
The Read Byte protocol is used to read data from the registers. The data will only be read if the protocol shown in
Table 5-3 is performed correctly. Only one byte is transferred at a time for a Read Byte protocol.
5.3.2
INVALID PROTOCOL RESPONSE BEHAVIOR
Registers that are accessed with an invalid protocol are not updated. A register is only updated following a valid protocol.
The only valid protocols are Write Byte and Read Byte, which are described above.
The Hub only responds to the hardware selected Slave Address.
Attempting to communicate with the Hub over SMBus with an invalid slave address or invalid protocol results in no
response, and the SMBus Slave Interface returns to the idle state.
The only valid registers that are accessible by the SMBus slave address are the registers defined in the Registers Sec-
tion. See Section 5.3.3 for the response to undefined registers.
5.3.3
GENERAL CALL ADDRESS RESPONSE
The Hub does not respond to a general call address of 0000_000b.
5.3.4
SLAVE DEVICE TIME-OUT
According to the SMBus Specification, V1.0 devices in a transfer can abort the transfer in progress and release the bus
when any single clock low interval exceeds 25ms (TTIMEOUT, MIN). Devices that have detected this condition must reset
their communication and be able to receive a new START condition no later than 35ms (TTIMEOUT, MAX).
Note:
Data bytes are transferred MSB first (msb first).
Note:
For the following SMBus tables:
TABLE 5-2:
SMBUS WRITE BYTE PROTOCOL
Field:
Start
Slave Addr
Wr
Ack
Reg. Addr
Ack
Reg. Data
Ack
Stop
Bits:
1
71
18
1
8
1
1
TABLE 5-3:
SMBUS READ BYTE PROTOCOL
Field:
Start
Slave
Addr
Wr
Ack
Reg.
Addr
Ack
Start
Slave
Addr
Rd
Ack
Reg.
Data
Nack
Stop
Bits:
1
7
1
1
8
1
1
7
1
1
8
1
1
Denotes Master-to-Slave
Denotes Slave-to-Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com