Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2502
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2502 Datasheet HTML 10Page - Microchip Technology USB2502 Datasheet HTML 11Page - Microchip Technology USB2502 Datasheet HTML 12Page - Microchip Technology USB2502 Datasheet HTML 13Page - Microchip Technology USB2502 Datasheet HTML 14Page - Microchip Technology USB2502 Datasheet HTML 15Page - Microchip Technology USB2502 Datasheet HTML 16Page - Microchip Technology USB2502 Datasheet HTML 17Page - Microchip Technology USB2502 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
USB2502
DS000002248A-page 14
 2007 - 2016 Microchip Technology Inc.
5.1.1.16
Self-powered Hub Controller Current
When in Self-Powered configuration, Maximum current requirements of the Hub Controller in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.17
Bus-Powered Hub Controller Current
When in Bus-Powered configuration, Maximum current requirements of the Hub Controller in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.18
Power-On Timer
Time (in 2ms intervals) from the time power-on sequence begins on a port until power is good on that port. System soft-
ware uses this value to determine how long to wait before accessing a powered-on port.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.19
Power Switching Polarity
The selection of active state “polarity” for the PRTPWR2 pin is made by a strapping option only.
5.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port can never provide power to its D+ or D- pull-
up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the Hub mon-
itors the state of the upstream VBUS signal and will not pull-up the D+ or D- resistor if VBUS is not active. If VBUS goes
from an active to an inactive state (Not Powered), Hub will remove power from the D+ or D- pull-up resistor within 10
seconds.
5.2
EEPROM Interface
The Microchip Hub can be configured via a 2-wire (I2C) EEPROM. (Please see Table 4-1, "2-Port Hub Pin Descriptions"
for specific details on how to enable the I2C EEPROM option).
The Internal state-machine will, (when configured for EEPROM support) read the external EEPROM for configuration
data. The hub will then “attach” to the upstream USB host.
Please see Table 5-1 User-Defined Descriptor Data for a list of data fields available.
5.2.1
I2C EEPROM
The I2C EEPROM interface implements a subset of the I2C Master Specification (Please refer to the Philips Semicon-
ductor Standard I2C-Bus Specification for details on I2C bus protocols). The Hub’s I2C EEPROM interface is designed
to attach to a single “dedicated” I2C EEPROM, and it conforms to the Standard-mode I2C Specification (100kbit/s trans-
fer rate and 7-bit addressing) for protocol and electrical compatibility.
The Hub acts as the master and generates the serial clock SCL, controls the bus access (determines which device acts
as the transmitter and which device acts as the receiver), and generates the START and STOP conditions.
5.2.1.1
Implementation Characteristics
Please refer to the MicroChip 24AA00 DataSheet for Protocol and Programming specifics.
5.2.1.2
Pull-Up Resistor
The Circuit board designer is required to place external pull-up resistors (10K
 recommended) on the SDA/SMBDATA
& SCL/SMBCLK/CFG_SELO lines (per SMBus 1.0 Specification, and EEPROM manufacturer guidelines) to Vcc in
order to assure proper operation.
5.2.1.3
I2C EEPROM Slave Address
Slave address is 1010000.
Note:
Extensions to the I2C Specification are not supported.
Note:
10-bit addressing is NOT supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com