Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040 Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 17Page - Microchip Technology SST25WF040 Datasheet HTML 18Page - Microchip Technology SST25WF040 Datasheet HTML 19Page - Microchip Technology SST25WF040 Datasheet HTML 20Page - Microchip Technology SST25WF040 Datasheet HTML 21Page - Microchip Technology SST25WF040 Datasheet HTML 22Page - Microchip Technology SST25WF040 Datasheet HTML 23Page - Microchip Technology SST25WF040 Datasheet HTML 24Page - Microchip Technology SST25WF040 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
21
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction, 04H, resets the Write-Enable-Latch bit and AAI to 0 disabling
any new Write operations from occurring. The WRDI instruction will not terminate any programming
operation in progress. Any program operation in progress may continue up to TBP after executing the
WRDI instruction. CE# must be driven high before the WRDI instruction is executed. See Figure 19 for
the WRDI instruction sequence.
Figure 19:Write Disable (WRDI) Sequence
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR)
instruction and opens the status register for alteration. The Write-Status-Register instruction must be
executed immediately after the execution of the Enable-Write-Status-Register instruction. This two-
step instruction sequence of the EWSR instruction followed by the WRSR instruction works like SDP
(software data protection) command structure which prevents any accidental alteration of the status
register values. CE# must be driven low before the EWSR instruction is entered and must be driven
high before the EWSR instruction is executed. See Figure 20 for EWSR instruction followed by WRSR
instruction.
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to the BP1, BP0, and BPL bits of the status
register. CE# must be driven low before the command sequence of the WRSR instruction is entered
and driven high before the WRSR instruction is executed. See Figure 20 for EWSR or WREN and
WRSR instruction sequences.
Executing the Write-Status-Register instruction will be ignored when WP# is low and BPL bit is set to
‘1’. When the WP# is low, the BPL bit can only be set from ‘0’ to ‘1’ to lock-down the status register, but
cannot be reset from ‘1’ to ‘0’. When WP# is high, the lock-down function of the BPL bit is disabled and
the BPL, BP0, and BP1 bits in the status register can all be changed. As long as BPL bit is set to ‘0’ or
WP# pin is driven high (VIH) prior to the low-to-high transition of the CE# pin at the end of the WRSR
instruction, the bits in the status register can all be altered by the WRSR instruction. In this case, a sin-
gle WRSR instruction can set the BPL bit to ‘1’ to lock down the status register as well as altering the
BP0, and BP1 bits at the same time. See Table 3 for a summary description of WP# and BPL func-
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1328 Fx19.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com