Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 2 Page - Microchip Technology

  SST25WF040 Datasheet HTML 1Page - Microchip Technology SST25WF040 Datasheet HTML 2Page - Microchip Technology SST25WF040 Datasheet HTML 3Page - Microchip Technology SST25WF040 Datasheet HTML 4Page - Microchip Technology SST25WF040 Datasheet HTML 5Page - Microchip Technology SST25WF040 Datasheet HTML 6Page - Microchip Technology SST25WF040 Datasheet HTML 7Page - Microchip Technology SST25WF040 Datasheet HTML 8Page - Microchip Technology SST25WF040 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
2
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Product Description
The SST25WF512, SST25WF010, SST25WF020, and SST25WF040 are members of the Serial Flash
25 Series family and feature a four-wire, SPI-compatible interface that allows for a low pin-count pack-
age which occupies less board space and ultimately lowers total system costs. SST25WF512/010/
020/040 SPI serial flash memories are manufactured with SST proprietary, high-performance CMOS
SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reli-
ability and manufacturability compared with alternate approaches.
The SST25WF512/010/020/040 devices significantly improve performance and reliability, while lower-
ing power consumption. The devices write (Program or Erase) with a single power supply of 1.65-
1.95V for SST25WF512/010/020/040. The total energy consumed is a function of the applied voltage,
current, and time of application. Since for any given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time, the total energy consumed during any Erase or
Program operation is less than alternative flash memory technologies.
The SST25WF512/010/020/040 devices are offered in both 8-lead SOIC and an 8-contact WSON
packages. See Figure 2 for the pin assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com