Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040 Datasheet(PDF) 35 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 28Page - Microchip Technology SST25WF040 Datasheet HTML 29Page - Microchip Technology SST25WF040 Datasheet HTML 30Page - Microchip Technology SST25WF040 Datasheet HTML 31Page - Microchip Technology SST25WF040 Datasheet HTML 32Page - Microchip Technology SST25WF040 Datasheet HTML 33Page - Microchip Technology SST25WF040 Datasheet HTML 34Page - Microchip Technology SST25WF040 Datasheet HTML 35Page - Microchip Technology SST25WF040 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
35
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Figure 31:8-Contact Very-very-thin Small Outline No-lead (WSON)
SST Package Code: QA
Table 20: Revision History
Number
•
Description
Date
00
•
Initial release of data sheet
Nov 2006
01
•
Removed “Commercial” Temperature Range
•
Added references to Tables 6 and 7 in “Block-Protection (BP2, BP1,
BP0)” on page 9
•
Modified EWSR and WREN footnote information and updated EBSY Op
Code Cycle in Tables 9 and 10
•
Re-phrased first paragraph in “Instructions” on page 11
•
Updated “Byte-Program” on page 15
•
Clarified SO pin statement in second paragraph of “Hardware End-of-
Write Detection” on page 16
•
Added Industrial (extended) values to Operating Range in “Electrical
Specifications” on page 25
•
Added “Power-Up Specifications” on page 26
•
Added typical values to Table 16 on page 28
•
Added contact-lead composition, updated minimum endurance from
10,000 to 100,000 cycles, and changed product valid combinations in
“Product Ordering Information” on page 32
Feb 2007
Note: 1. All linear dimensions are in millimeters (max/min).
2. Untoleranced dimensions (shown with box surround)
are nominal target dimensions.
3. The external paddle is electrically connected to the
die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board;
it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can
result in shorts and/or electrical malfunction of the device.
8-wson-5x6-QA-9.0
4.0
1.27 BSC
Pin #1
0.48
0.35
0.076
3.4
5.00
± 0.10
6.00
± 0.10
0.05 Max
0.70
0.50
0.80
0.70
0.80
0.70
Pin #1
Corner
TOP VIEW
BOTTOM VIEW
CROSS SECTION
SIDE VIEW
1mm
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com