Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040 Datasheet(PDF) 20 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 16Page - Microchip Technology SST25WF040 Datasheet HTML 17Page - Microchip Technology SST25WF040 Datasheet HTML 18Page - Microchip Technology SST25WF040 Datasheet HTML 19Page - Microchip Technology SST25WF040 Datasheet HTML 20Page - Microchip Technology SST25WF040 Datasheet HTML 21Page - Microchip Technology SST25WF040 Datasheet HTML 22Page - Microchip Technology SST25WF040 Datasheet HTML 23Page - Microchip Technology SST25WF040 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
20
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction, 05H, allows reading of the status register. The status
register may be read at any time even during a Write (Program/Erase) operation. When a Write opera-
tion is in progress, the Busy bit may be checked before sending any new commands to assure that the
new commands are properly received by the device. CE# must be driven low before the RDSR instruc-
tion is entered and remain low until the status data is read. Read-Status-Register is continuous with
ongoing clock cycles until it is terminated by a low to high transition of the CE#. See Figure 17 for the
RDSR instruction sequence.
Figure 17:Read-Status-Register (RDSR) Sequence
Write-Enable (WREN)
The Write-Enable (WREN) instruction, 06H, sets the Write-Enable-Latch bit in the Status Register to 1
allowing Write operations to occur. The WREN instruction must be executed prior to any Write (Pro-
gram/Erase) operation. The WREN instruction may also be used to allow execution of the Write-Sta-
tus-Register (WRSR) instruction; however, the Write-Enable-Latch bit in the Status Register will be
cleared upon the rising edge CE# of the WRSR instruction. CE# must be driven high before the WREN
instruction is executed. See Figure 18 for the WREN instruction sequence.
Figure 18:Write Enable (WREN) Sequence
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1327 F17.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
1328 F18.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com