Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F2M32 Datasheet(PDF) 4 Page - Micross Components

Part # AS8F2M32
Description  Any combination of Sectors can be Erased
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F2M32 Datasheet(HTML) 4 Page - Micross Components

  AS8F2M32 Datasheet HTML 1Page - Micross Components AS8F2M32 Datasheet HTML 2Page - Micross Components AS8F2M32 Datasheet HTML 3Page - Micross Components AS8F2M32 Datasheet HTML 4Page - Micross Components AS8F2M32 Datasheet HTML 5Page - Micross Components AS8F2M32 Datasheet HTML 6Page - Micross Components AS8F2M32 Datasheet HTML 7Page - Micross Components AS8F2M32 Datasheet HTML 8Page - Micross Components AS8F2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FLASH
AS8F2M32
AS8F2M32
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
4
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(V
CC = 5.0V, -55°C < TA < +125°C)
MIN
MAX
MIN
MAX
MIN
MAX
Write Cycle Time
tAVAV
tWC
90
120
150
Chip Select Setup Time
tELWL
tCS
000
Write Enable Pulse Width
tWLWH
tWP
45
50
50
Address Setup Time
tAVWL
tAS
000
Data Setup Time
tDVWH
tDS
45
50
50
Data Hold Time
tWHDX
tDH
000
Address Hold Time
tWLAX
tAH
45
50
50
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
Duration of Byte Progreamming Operation
1
tWHWH1
300
300
300
Sector Erase
2
tWHWH2
15
15
15
Read Recovery Time before Write
tGHWL
000
VCC Setup Time
tVCS
50
50
50
Chip Programming Time
3
44
44
44
Chip Erase Time
4
256
256
256
Output Enable Hold Time
5
tOEH
10
10
10
RESET\ Pulse Width
tRP
500
500
500
Read Cycle Time
tAVAV
tRC
90
120
150
Address Access Time
tAVQV
tACC
90
120
150
Chip Select Access Time
tELQV
tCE
90
120
150
Output Enable to Output Valid
tGLQV
tOE
40
50
55
Chip Select High to Output High
6
tEHQZ
tDF
20
30
35
Output Enable High to Output High
6
tGHQZ
tDF
20
30
35
Output Hold from Adresses, CS\ or
OE\ Change, whichever is First
tAXQX
tOH
000
RST Low to Read Mode
6
tReady
20
20
20
Write Cycle Time
tAVAV
tWC
90
120
150
Write Enable Setup Time
tWLEL
tWS
000
Chip Select Pulse Width
tELEH
tCP
45
50
50
Address Setup Time
tAVEL
tAS
000
Data Setup Time
tDVEH
tDS
45
50
50
Data Hold Time
tEHDX
tDH
000
Address Hold Time
tELAX
tAH
45
50
50
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
Duration of Byte Progreamming Operation
1
tWHWH1
300
300
300
Sector Erase Time
2
tWHWH2
15
15
15
Read Recovery Time
tGHEL
000
Chip Programming Time
3
44
44
44
Chip Erase Time
4
256
256
256
Output Enable Hold Time
5
tOEH
10
10
10
CS\ CONTROLLED (WRITE/ERASE/PROGRAM OPERATIONS)
WE\ CONTROLLED (WRITE/ERASE/PROGRAM OPERATIONS)
READ-ONLY OPERATIONS
SYM
-90
-120
-150
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com