Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F2M32 Datasheet(PDF) 3 Page - Micross Components

Part # AS8F2M32
Description  Any combination of Sectors can be Erased
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F2M32 Datasheet(HTML) 3 Page - Micross Components

  AS8F2M32 Datasheet HTML 1Page - Micross Components AS8F2M32 Datasheet HTML 2Page - Micross Components AS8F2M32 Datasheet HTML 3Page - Micross Components AS8F2M32 Datasheet HTML 4Page - Micross Components AS8F2M32 Datasheet HTML 5Page - Micross Components AS8F2M32 Datasheet HTML 6Page - Micross Components AS8F2M32 Datasheet HTML 7Page - Micross Components AS8F2M32 Datasheet HTML 8Page - Micross Components AS8F2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FLASH
AS8F2M32
AS8F2M32
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
3
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
**Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity
(plastics).
ABSOLUTE MAXIMUM RATINGS*
Voltage on any pin relative to V
SS, VT
**.........-2.0V to +7.0V
Power Dissipation, P
T.........................................................4W
Storage Temperature, T
stg..............................-65°C to +125°C
Short Circuit Output Current, I
OS(1 output at a time)...100mA
Endurance - Write/Erase Cycles
.............100,000 min cycles
Data Retention............................................................20 years
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(4.5V < VCC < 5.5V , -55°C < T
A < +125°C)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
VCC = 5.5, VIN = GND to VCC
ILI
-10
10
μA
Output Leakage Current
VCC = 5.5, VIN = GND to VCC
ILOx32
-10
10
μA
VCC Active Current for Read
CS\ = VIL, OE\ = VIH
ICC1
160
mA
VCC Active Current for Program or Erase
CS\ = VIL, OE\ = VIH
ICC2
240
mA
VCC CMOS Standby
VCC = 5.5V, All Inputs @ VCC - 0.2V or VSS +0.2V,
RESET\ = CS\1-4 = VCC -0.2V
ISB
4mA
VCC Standby Current
VCC = 5.5, CS\ = VIH, RESET\ = VCC ± 0.3V, f=0
ICC3
8mA
Output Low Voltage
IOL = 12.0 mA, VCC = 4.5
VOL
0.45
V
Output High Voltage
IOH = -2.5 mA, VCC = 4.5
VOH
0.85 x VCC
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
000
V
Input High Voltage
VIH
2.2
---
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
---
+0.8
V
CAPACITANCE
(T
A = +25°C)*
PARAMETER
SYM
CONDITIONS
MAX
UNITS
OE\
COE
50
pF
WE\1-4
CWE
50
pF
CS\1-4
CCS
20
pF
Data I/O
CI/O
20
pF
Address input
CAD
50
pF
VIN = 0V, f = 1.0 MHz
*Parameter is guaranteed, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com