Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F2M32 Datasheet(PDF) 1 Page - Micross Components

Part # AS8F2M32
Description  Any combination of Sectors can be Erased
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F2M32 Datasheet(HTML) 1 Page - Micross Components

  AS8F2M32 Datasheet HTML 1Page - Micross Components AS8F2M32 Datasheet HTML 2Page - Micross Components AS8F2M32 Datasheet HTML 3Page - Micross Components AS8F2M32 Datasheet HTML 4Page - Micross Components AS8F2M32 Datasheet HTML 5Page - Micross Components AS8F2M32 Datasheet HTML 6Page - Micross Components AS8F2M32 Datasheet HTML 7Page - Micross Components AS8F2M32 Datasheet HTML 8Page - Micross Components AS8F2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FLASH
AS8F2M32
AS8F2M32
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
1
FIGURE 1: PIN ASSIGNMENT
(Top View)
68 Lead CQFP
2M x 32 FLASH
FLASH MEMORY MODULE
AVAILABLE AS MILITARY
SPECIFICATIONS
• Military Processing (MIL-STD-883C para 1.2.2)
Temperature Range -55C to 125C
FEATURES
• Fast access times of 90ns, 120ns, and 150ns
• 5.0V ±10%, single power supply operation
• Low power consumption(TYP): 4μA CMOS stand-by
* TYP ICC(active) <120mA for READ/WRITE
• 20 year DATA RETENTION
• Minimum 1,000,000 Program/Erase Cycles per sector
guaranteed
• 32 equal sectors of 64 Kbytes each
• Any combination of Sectors can be Erased
• Group Sector Protection
• Supports FULL Chip Erase
• Compatible with JEDEC standards
• Embedded Erase and Program Algorithms
• Data\ Polling and Toggle bits for detection of program or erase
cycle completion.
• Erase Suspend/Resume
• Hardware Reset pin (RESET\)
• Built in Decoupling Caps and Multiple Ground Pins for Low
Noise Operation
• Separate Power and Ground Planes to improve noise immunity
OPTION
MARKING
• Timing
90ns
-90
120ns
-120
150ns
-150
• Packages
Ceramic Quad Flat Pack (0.88" sq)
QT
- MAX height .140"
- Stand-off Height .035" min
GENERAL DESCRIPTION
The AS8F2M32 is a 64 Mbit, 5.0 volt-only Flash memory. This
device is designed to be programmed in-system with the standard
system 5.0 volt VCC supply. The AS8F2M32 offers an access time
of 90ns, allowing high-speed microprocessors to operate without wait
states. To eliminate bus contention, the device has separate chip enable
(CE\), write enable (WE\) and output enable (OE\) controls.
The device requires only a single 5.0 volt power supply for both
read and write functions. internally generated and regulated voltages
are provided for the program and erase operations.
The device is entirely command set compatible with the JEDEC
single-power-supply FLASH standard. Commands are written to
the command register using standard microprocessor write timings.
Register contents serve as input to an internal state-matching that
controls the erase and programming circuitry. Write cycles also
internally latch addresses and data needed for the programming and
erase operations. Reaching data out of the device is similar to reading
from other FLASH or EPROM devices.
Device programming occurs by executing the program command
sequence. This initiates the Embedded Program algorithm - an inter-
nal algorithm that automatically time the program pulse widths and
verifies proper cell margin.
Device erasure occurs by executing the erase command sequence.
This initiates the Embedded Erase algorithm - an internal algorithm
that automatically preprograms the array (if it is not already pro-
grammed) before executing the erase operation. During erase, the
device automatically times the erase pulse widths and verifies proper
cell margin.
The host system can detect whether a program or erase operation
is complete by observing the RY/BY\ pin, or by reading the DQ7
(DATA\ Polling) and DQ6 (toggle) status bits. After a program or
erase cycle has been completed, the device is ready to read array data
or accept another command.
(continued on page 2)
For more products and information
please visit our web site at
www.micross.com


Similar Part No. - AS8F2M32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
2M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32Q-120/IT AUSTIN-AS8F2M32Q-120/IT Datasheet
390Kb / 12P
2M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32Q-120/MIL AUSTIN-AS8F2M32Q-120/MIL Datasheet
390Kb / 12P
2M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32Q-120/XT AUSTIN-AS8F2M32Q-120/XT Datasheet
390Kb / 12P
2M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32Q-150/IT AUSTIN-AS8F2M32Q-150/IT Datasheet
390Kb / 12P
2M x 32 FLASH FLASH MEMORY MODULE
More results

Similar Description - AS8F2M32

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3743 COOPER-3743 Datasheet
55Kb / 1P
Single pole blocks lock into each other and can be added at any time
logo
List of Unclassifed Man...
IS01DBFRGB ETC2-IS01DBFRGB Datasheet
813Kb / 6P
64 colors of backlighting can be controlled dynamically
logo
World Produts Inc.
WPANT10022-C2D WPI-WPANT10022-C2D Datasheet
277Kb / 3P
This stamped metal PIFA Antenna can be installed inside any wireless device
WPANT10038-C4B WPI-WPANT10038-C4B Datasheet
180Kb / 1P
This 2.4 GHz Flexible Antenna can be installed inside any wireless device with proper application support
logo
Integrated Device Techn...
9FGV0631C IDT-9FGV0631C Datasheet
207Kb / 15P
Outputs can optionally be supplied from any voltage
9FGV0831 IDT-9FGV0831 Datasheet
209Kb / 16P
Outputs can optionally be supplied from any voltage
logo
Taoglas antenna solutio...
LA.02 TAOGLAS-LA.02 Datasheet
1Mb / 20P
Components can be mounted on opposite side of
logo
PHOENIX CONTACT
3012335 PHOENIX-3012335 Datasheet
52Kb / 2P
Can be aligned without any loss of pitch
logo
Linx Technologies
TRM-YYY-DP1203 LINX-TRM-YYY-DP1203 Datasheet
1Mb / 15P
The TRM-xxx-DP1203 modules can be used in any environment where wireless remote connection is an advantage.
2015
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com