Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F2M32 Datasheet(PDF) 2 Page - Micross Components

Part # AS8F2M32
Description  Any combination of Sectors can be Erased
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F2M32 Datasheet(HTML) 2 Page - Micross Components

  AS8F2M32 Datasheet HTML 1Page - Micross Components AS8F2M32 Datasheet HTML 2Page - Micross Components AS8F2M32 Datasheet HTML 3Page - Micross Components AS8F2M32 Datasheet HTML 4Page - Micross Components AS8F2M32 Datasheet HTML 5Page - Micross Components AS8F2M32 Datasheet HTML 6Page - Micross Components AS8F2M32 Datasheet HTML 7Page - Micross Components AS8F2M32 Datasheet HTML 8Page - Micross Components AS8F2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FLASH
AS8F2M32
AS8F2M32
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
2
GENERAL DESCRIPTION (cont.)
The Sector Erase Architecture allows memory sectors to be erased
and reprogrammed without affecting the data contents of other sectors.
The device is fully erased when shipped from the factory.
Hardware Data Protection measures include a low VCC detector
that automatically inhibits write operations during power transitions.
The Hardware Sector Protection feature disables both program and
erase operations in any combinations of the sectors of memory. This
can be achieved via programming equipment.
The Erase Suspend feature enables the user to put erase on hold
for any period of time to read data form, or program data to, any sec-
tor that is not selected for erasure. True background erase can thus
be achieved.
The Hardware RESET\ pin terminates any operation in progress and
resets the internal state machine to reading array data. The RESET\
pin may be tied to the system reset circuitry. A system reset would
thus also reset the device, enabling the system microprocessor to read
the boot-up firmware from the FLASH memory.
The system can place the device into the standby mode. Power
consumption is greatly reduced in this mode.
FIGURE 2: FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
PIN
DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-20
Address Inputs
WE\1-4
Write Enables
CS\1-4
Chip Selects
OE\
Output Enable
VCC
Power Supply
GND
Ground
RESET\
Reset
WE1\, CS1\WE2\, CS2\WE3\, CS3\WE4\, CS4\
RESET\
OE\
A0 - A20
2M x 8
2M x 8
2M x 8
2M x 8
8
8
8
8
I/O0-7
I/O8-15
I/O16-23
I/O24-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com