Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS205B0 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLS205B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLS205B0 Datasheet HTML 10Page - Infineon Technologies AG TLS205B0 Datasheet HTML 11Page - Infineon Technologies AG TLS205B0 Datasheet HTML 12Page - Infineon Technologies AG TLS205B0 Datasheet HTML 13Page - Infineon Technologies AG TLS205B0 Datasheet HTML 14Page - Infineon Technologies AG TLS205B0 Datasheet HTML 15Page - Infineon Technologies AG TLS205B0 Datasheet HTML 16Page - Infineon Technologies AG TLS205B0 Datasheet HTML 17Page - Infineon Technologies AG TLS205B0 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Data Sheet
14
Rev. 1.2, 2015-01-15
TLS205B0
Electrical Characteristics
Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical
characteristics specified mean values expected over the production spread. If not otherwise specified,
typical characteristics apply at
T
A =25 °C and the given supply voltage.
4) The operation conditions are limited by the maximum junction temperature. The regulated output voltage specification will
only apply for conditions where the limit of the maximum junction temperature is fulfilled. It will therefore not apply for all
possible combinations of input voltage and output current at a given output voltage. When operating at maximum input
voltage, the output current must be limited for thermal reasons. The same holds true when operating at maximum output
current where the input voltage range must be limited for thermal reasons.
5) To satisfy requirements for minimum input voltage, the TLS205B0 adjustable version is tested and specified for these
conditions with an external resistor divider (two 250 k resistors) for an output voltage of 2.44 V. The external resistors will
add a 5 µA DC load on the output.
6) The dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output
current. In dropout, the output voltage will be equal to
V
I - VDR
7) GND-pin current is tested with
V
I = VQ,nom and a current source load. This means that this parameter is tested while being
in the dropout region. The GND pin current will in most cases decrease slightly at higher input voltages - please also refer
to the corresponding typical performance graphs.
8) The EN pin current flows into EN pin.
9) The ADJ pin current flows into ADJ pin.
10) Not subject to production test, specified by design.
11) ADJ pin connected to output pin Q.
12) Whichever of the two values of
V
I is greater in order to also satisfy the requirements for VI,min.
13) Reverse output current is tested with the I pin grounded and the Q pin forced to the rated output voltage. This current flows
into the Q pin and out of the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com