Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS205B0 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLS205B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLS205B0 Datasheet HTML 11Page - Infineon Technologies AG TLS205B0 Datasheet HTML 12Page - Infineon Technologies AG TLS205B0 Datasheet HTML 13Page - Infineon Technologies AG TLS205B0 Datasheet HTML 14Page - Infineon Technologies AG TLS205B0 Datasheet HTML 15Page - Infineon Technologies AG TLS205B0 Datasheet HTML 16Page - Infineon Technologies AG TLS205B0 Datasheet HTML 17Page - Infineon Technologies AG TLS205B0 Datasheet HTML 18Page - Infineon Technologies AG TLS205B0 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TLS205B0
Electrical Characteristics
Data Sheet
15
Rev. 1.2, 2015-01-15
5.1
Typical Performance Characteristics
Dropout Voltage
V
DR versus
Output Current
I
Q
Guaranteed Dropout Voltage
V
DR versus
Output Current
I
Q
Dropout Voltage
V
DR versus
Junction Temperature
T
j
Quiescent Current versus
Junction Temperature
T
j
0
100
200
300
400
500
0
50
100
150
200
250
300
350
400
450
500
I
Q
[A]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 125
°C
0
100
200
300
400
500
0
50
100
150
200
250
300
350
400
450
500
I
Q
[A]
Δ = Guaranteed Limits
T
j ≤
25
°C
T
j ≤
125
°C
−50
0
50
100
0
50
100
150
200
250
300
350
400
450
500
T
j
[
°C]
I
Q
= 10 mA
I
Q
= 50 mA
I
Q
= 100 mA
I
Q
= 500 mA
−50
0
50
100
0
5
10
15
20
25
30
35
40
45
50
T
j
[
°C]
V
I
= 6 V
I
Q
= 0 mA .
V
EN
= V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com