Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS205B0 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS205B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS205B0 Datasheet HTML 17Page - Infineon Technologies AG TLS205B0 Datasheet HTML 18Page - Infineon Technologies AG TLS205B0 Datasheet HTML 19Page - Infineon Technologies AG TLS205B0 Datasheet HTML 20Page - Infineon Technologies AG TLS205B0 Datasheet HTML 21Page - Infineon Technologies AG TLS205B0 Datasheet HTML 22Page - Infineon Technologies AG TLS205B0 Datasheet HTML 23Page - Infineon Technologies AG TLS205B0 Datasheet HTML 24Page - Infineon Technologies AG TLS205B0 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TLS205B0
Electrical Characteristics
Data Sheet
21
Rev. 1.2, 2015-01-15
ESR Stability versus
Output Current
I
Q (for CQ =3.3 µF)
ESR(
C
Q) with CBYP =10nF versus
Output Capacitance
C
Q
Input Ripple Rejection PSRR versus
Frequency
f
Input Ripple Rejection PSRR versus
Junction Temperature
T
J
ESR
max
C
Byp
= 0 nF
ESR
min
C
Byp
= 0 nF
ESR
max
C
Byp
= 10 nF
ESR
min
C
Byp
= 10 nF
0
100
200
300
400
500
10
−1
10
0
10
1
I
Q
[mA]
C
Q
= 3.3 µF
(0.06
Ω is measurement limit)
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
C
Q
[µF]
stable region above blue line
C
Byp
= 10 nF
measurement limit
I
Q
=500mA C
BYP
=0 nF
I
Q
=500mA C
BYP
=10nF
I
Q
=50mA C
BYP
=0 nF
I
Q
=50mA C
BYP
=10nF
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
f [Hz]
V
I
= V
Q,nom
+ 1.5 V
V
ripple
= 0.5 V
pp
C
Q
= 10 µF
−50
0
50
100
52
54
56
58
60
62
64
66
68
T
j
[
°C]
V
I
= V
Q,nom
+ 1.5 V
V
ripple
= 0.5 V
pp
f
ripple
= 120 Hz
C
Q
= 10 µF
I
Q
= 500mA C
BYP
= 0 nF
I
Q
= 500mA C
BYP
= 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com