Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS205B0 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLS205B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLS205B0 Datasheet HTML 16Page - Infineon Technologies AG TLS205B0 Datasheet HTML 17Page - Infineon Technologies AG TLS205B0 Datasheet HTML 18Page - Infineon Technologies AG TLS205B0 Datasheet HTML 19Page - Infineon Technologies AG TLS205B0 Datasheet HTML 20Page - Infineon Technologies AG TLS205B0 Datasheet HTML 21Page - Infineon Technologies AG TLS205B0 Datasheet HTML 22Page - Infineon Technologies AG TLS205B0 Datasheet HTML 23Page - Infineon Technologies AG TLS205B0 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Data Sheet
20
Rev. 1.2, 2015-01-15
TLS205B0
Electrical Characteristics
Reverse Output Current versus
Junction Temperature
T
J
Minimum Input Voltage 1) versus
Junction Temperature
T
J
1)
V
I,min is referred here as the minimum input voltage for which the requested current is provided and VQ reaches 1 V.
Load Regulation versus
Junction Temperature
T
J
Adjust Pin Bias Current versus
Junction Temperature
T
J
−50
0
50
100
0
2
4
6
8
10
12
14
16
18
20
T
j
[
°C]
V
I
= 0 V
V
Q.nom
= 1.22 V (ADJ)
V
Q.nom
= 3.3 V (V33)
−50
0
50
100
0
0.5
1
1.5
2
2.5
T
j
[
°C]
I
Q
= 100 mA
I
Q
= 500 mA
−50
0
50
100
−25
−20
−15
−10
−5
0
5
T
j
[
°C]
ΔI
Q
= 1 mA to 500 mA
V33: V
I
= 4.3 V V
Q nom
= 3.3 V
ADJ: V
I
= 2.3 V V
Q nom
= 1.22 V
−50
0
50
100
0
20
40
60
80
100
120
140
T
j
[
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com