Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F128K32 Datasheet(PDF) 9 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 9 Page - Micross Components

Back Button AS8F128K32 Datasheet HTML 5Page - Micross Components AS8F128K32 Datasheet HTML 6Page - Micross Components AS8F128K32 Datasheet HTML 7Page - Micross Components AS8F128K32 Datasheet HTML 8Page - Micross Components AS8F128K32 Datasheet HTML 9Page - Micross Components AS8F128K32 Datasheet HTML 10Page - Micross Components AS8F128K32 Datasheet HTML 11Page - Micross Components AS8F128K32 Datasheet HTML 12Page - Micross Components AS8F128K32 Datasheet HTML 13Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
9
WRITE OPERATION STATUS
The device provides several bits to determine the status
of a write operation: I/O3, I/O5, I/O6, and I/O7. Table 5 and
the following subsections describe the functions of these bits.
I/O7 and I/O6 each offer a method for determining whether a
program or erase operation is complete or in progress. These
three bits are discussed first.
I/O7: Data\ Polling
The Data\ Polling bit, I/O7*, indicates to the host system
whether an Embedded Algorithm is in progress or completed.
Data\ Polling is valid after the rising edge of the final WEx\
pulse in the program or erase command sequence.
During the Embedded Program algorithm, the device
outputs on I/O7* the complement of the datum programmed
to
I/O7*. When the Embedded Program algorithm is com-
plete, the device outputs the datum programmed to I/O7*.
The system must provide the program address to read valid
status
information on I/O7*. If a program address
falls within a
protected sector, Data\ Polling on I/O7*
is active for
approximately 2 ms, then the device
returns to reading array data.
During the Embedded Erase algorithm, Data\ Polling
produces a “0” on I/O7*. When the Embedded Erase algorithm
is complete, Data\ Polling produces a “1” on I/O7*. This is
analogous to the complement/true datum output described for
the Embedded Program algorithm: the erase function changes
all the bits in a sector to “1”; prior to this, the device outputs
the “complement,” or “0.” The system must provide an address
within any of the sectors selected for erasure to read valid status
information on I/O7*.
After an erase command sequence is written, if all sectors
selected for erasing are protected, Data\ Polling on I/O7* is
active for approximately 100 ms, then the device returns to
reading array data. If not all selected sectors are protected, the
Embedded Erase algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected.
When the system detects I/O7* has changed from the
complement to true data, it can read valid data at I/O7– I/O0
on the following read cycles. This is because I/O7* may change
asynchronously with I/O0–I/O6 while Output Enable (OE\) is
asserted low. The Data\ Polling Timings (During Embedded
Algorithms) figure in the “AC Characteristics” section
il-
lustrates this. Table 5 shows the outputs for Data\ Polling on I/
O7*. Figure 3 shows the Data\ Polling algorithm.
FIGURE 3: Data\ Polling Algorithm
NOTES:
1. VA = Valid address for programming. During a sector erase operation, a
valid address is an address within any sector selected for erasure. During chip
erase, a valid address is any non-protected sector address.
2. I/O7 should be rechecked even if I/O5 = “1” because I/O7 may change
simultaneously with I/O5.
*NOTE: applies to every 8th byte.
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com